Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22810 Datasheet HTML 1Page - Texas Instruments TPS22810 Datasheet HTML 2Page - Texas Instruments TPS22810 Datasheet HTML 3Page - Texas Instruments TPS22810 Datasheet HTML 4Page - Texas Instruments TPS22810 Datasheet HTML 5Page - Texas Instruments TPS22810 Datasheet HTML 6Page - Texas Instruments TPS22810 Datasheet HTML 7Page - Texas Instruments TPS22810 Datasheet HTML 8Page - Texas Instruments TPS22810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TPS22810
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings ............................................................ 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Switching Characteristics .......................................... 7
7.7
Typical DC Characteristics ....................................... 8
7.8
Typical AC Characteristics ........................................ 9
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
9.2
Functional Block Diagram ....................................... 13
9.3
Feature Description................................................. 13
9.4
Device Functional Modes........................................ 17
10
Application and Implementation........................ 18
10.1
Application Information.......................................... 18
10.2
ON and OFF Control............................................. 18
10.3
Input Capacitor (Optional) ..................................... 18
10.4
Output Capacitor (Optional) .................................. 18
10.5
Typical Application ............................................... 18
11
Power Supply Recommendations ..................... 23
12
Layout................................................................... 24
12.1
Layout Guidelines ................................................. 24
12.2
Layout Example .................................................... 24
12.3
Thermal Considerations ........................................ 24
13
Device and Documentation Support ................. 25
13.1
Device Support...................................................... 25
13.2
Documentation Support ........................................ 25
13.3
Receiving Notification of Documentation Updates 25
13.4
Community Resources.......................................... 25
13.5
Trademarks ........................................................... 25
13.6
Electrostatic Discharge Caution ............................ 25
13.7
Glossary ................................................................ 25
14
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
Changes from Revision B (May 2017) to Revision C
Page
•
Changed Rise time can be calculated by multiplying to Rise time can be calculated by dividing in the Feature
Description Section 9.3.4 Adjustable Rise Time (CT) .......................................................................................................... 17
Changes from Revision A (December2016) to Revision B
Page
•
Added WSON (DRV) current information in the Features , Description section and Recommended Operating
Conditions table ...................................................................................................................................................................... 1
•
Added WSON (DRV) package .............................................................................................................................................. 1
Changes from Original (December 2016) to Revision A
Page
•
Deleted IMAX and IPLS from the Absolute Maximum Ratings table .......................................................................................... 1
•
Deleted IMAX and IPLS from the Absolute Maximum Ratings table .......................................................................................... 4
•
Changed the Quiescent current MAX value From: 70 µA To: 80 µA in the Electrical Characteristics table ......................... 5
•
Changed the Quiescent current MAX value for VIN = 2.7 V From: 60 µA To: 70 µA in the Electrical Characteristics
table ....................................................................................................................................................................................... 5
•
Changed the Shutdown current MAX value From: 2.25 µA To: 2.3 µA in the Electrical Characteristics table ...................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com