Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22810 Datasheet HTML 9Page - Texas Instruments TPS22810 Datasheet HTML 10Page - Texas Instruments TPS22810 Datasheet HTML 11Page - Texas Instruments TPS22810 Datasheet HTML 12Page - Texas Instruments TPS22810 Datasheet HTML 13Page - Texas Instruments TPS22810 Datasheet HTML 14Page - Texas Instruments TPS22810 Datasheet HTML 15Page - Texas Instruments TPS22810 Datasheet HTML 16Page - Texas Instruments TPS22810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Charge Pump
VIN
EN/UVLO
VOUT
GND
CT
Control Logic
2.54 V
2.4 V
1.23 V
1.13 V
Thermal
Shutdown
QOD
Copyright © 2016, Texas Instruments Incorporated
13
TPS22810
www.ti.com
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 On and Off Control
TThe EN/UVLO pin controls the state of the switch. EN/UVLO is active high and has a low threshold, making it
capable of interfacing with low-voltage signals. The EN/UVLO pin is compatible with standard GPIO logic
threshold. It can be used with any microcontroller with 1.2 V or higher GPIO voltage. This pin cannot be left
floating and must be driven either high or low for proper functionality.
9.3.2 Quick Output Discharge (QOD)
The TPS22810 includes a QOD feature. The QOD pin can be configured in one of three ways:
•
QOD pin shorted to VOUT pin. Using this method, the discharge rate after the switch becomes disabled is
controlled with the value of the internal resistance RPD. The value of this resistance is listed in the Electrical
Characteristics table.
•
QOD pin connected to VOUT pin using an external resistor REXT. After the switch becomes disabled, the
discharge rate is controlled by the value of the total resistance of the QOD. To adjust the total QOD
resistance, Equation 1 can be used.
RQOD = RPD + REXT
where
•
RQOD is the total output discharge resistance
•
RPD is the internal pulldown resistance
•
REXT is the external resistance placed between the VOUT and QOD pin.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com