Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22810 Datasheet HTML 1Page - Texas Instruments TPS22810 Datasheet HTML 2Page - Texas Instruments TPS22810 Datasheet HTML 3Page - Texas Instruments TPS22810 Datasheet HTML 4Page - Texas Instruments TPS22810 Datasheet HTML 5Page - Texas Instruments TPS22810 Datasheet HTML 6Page - Texas Instruments TPS22810 Datasheet HTML 7Page - Texas Instruments TPS22810 Datasheet HTML 8Page - Texas Instruments TPS22810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
VIN
VOUT
CT
EN/UVLO
GND
QOD
1
2
3
6
5
4
VOUT
CT
QOD
VIN
GND
EN/UVLO
1
3
2
6
4
5
3
TPS22810
www.ti.com
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RON at 12 V
Package
QUICK OUTPUT
DISCHARGE
TA
MAXIMUM
OUTPUT
CURRENT
ENABLE
TPS22810
79 m
Ω
DBV
Configurable
105°C
2 A
Active High
TPS22810
79 m
Ω
DRV
Configurable
105°C
3 A
Active High
6 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DRV Package
6-Pin WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO,
SOT23
WSON
CT
4
3
O
Switch slew rate control. Can be left floating
EN/UVLO
3
5
I
Active high switch control input and UVLO adjustment. Do not leave
floating
GND
2
4
—
Device ground
QOD
5
2
O
Quick Output Discharge pin. This functionality can be enabled in one
of three ways.
•
Placing an external resistor between VOUT and QOD
•
Tying QOD directly to VOUT and using the internal resistor value
(RPD)
•
Disabling QOD by leaving pin floating
See the Quick Output Discharge (QOD) for more information
VIN
1
6
I
Switch input. Place ceramic bypass capacitor(s) between this pin and
GND
VOUT
6
1
O
Switch output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com