Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22810 Datasheet HTML 6Page - Texas Instruments TPS22810 Datasheet HTML 7Page - Texas Instruments TPS22810 Datasheet HTML 8Page - Texas Instruments TPS22810 Datasheet HTML 9Page - Texas Instruments TPS22810 Datasheet HTML 10Page - Texas Instruments TPS22810 Datasheet HTML 11Page - Texas Instruments TPS22810 Datasheet HTML 12Page - Texas Instruments TPS22810 Datasheet HTML 13Page - Texas Instruments TPS22810 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
VIN
VON
VOUT
IIN
10
TPS22810
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical AC Characteristics (continued)
VIN = 5 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 13. Fall Time tF at VIN = 5 V
VIN = 12 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 2200 pF
Figure 14. Rise Time tR at VIN = 12 V
VIN = 12 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
QOD = Open
Figure 15. Fall Time tF at VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com