Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 4 Page - Texas Instruments

  TPS22810 Datasheet HTML 1Page - Texas Instruments TPS22810 Datasheet HTML 2Page - Texas Instruments TPS22810 Datasheet HTML 3Page - Texas Instruments TPS22810 Datasheet HTML 4Page - Texas Instruments TPS22810 Datasheet HTML 5Page - Texas Instruments TPS22810 Datasheet HTML 6Page - Texas Instruments TPS22810 Datasheet HTML 7Page - Texas Instruments TPS22810 Datasheet HTML 8Page - Texas Instruments TPS22810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
TPS22810
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
20
V
VOUT
Output voltage
–0.3
min(VIN + 0.3, 20)
V
VEN/UVLO
EN/UVLO voltage
–0.3
20
V
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(MAX)], the
maximum power dissipation of the device in the application [PD(MAX)], and the junction-to-ambient thermal resistance of the part/package
in the application (θJA), as given by the following equation: TA(MAX) = TJ(MAX) – (θJA × PD(MAX)).
(2)
See the Detailed Description section.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
2.7
18
V
VEN/UVLO
EN/UVLO voltage
0
18
V
VOUT
Output voltage
VIN
V
IMAX
Maximum continuous switch current, TA = 65°C (DBV)
2
A
Maximum continuous switch current, TA = 65°C (DRV)
3
TA
Operating free-air temperature (1)
–40
105
°C
CIN
Input capacitor
1(2)
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC (1)
TPS22810
UNIT
DBV (SOT23)
DRV (WSON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
182
74.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
127.2
80.3
°C/W
RθJB
Junction-to-board thermal resistance
16.9
44.3
°C/W
ψJT
Junction-to-top characterization parameter
26.4
3.2
°C/W
ψJB
Junction-to-board characterization parameter
36.3
44.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com