Electronic Components Datasheet Search
  English  ▼

X  

TPS22810 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22810
Description  TPS22810, 2.7-18-V, 79-mΩ On-Resistance Load Switch With Thermal Protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22810 Datasheet HTML 5Page - Texas Instruments TPS22810 Datasheet HTML 6Page - Texas Instruments TPS22810 Datasheet HTML 7Page - Texas Instruments TPS22810 Datasheet HTML 8Page - Texas Instruments TPS22810 Datasheet HTML 9Page - Texas Instruments TPS22810 Datasheet HTML 10Page - Texas Instruments TPS22810 Datasheet HTML 11Page - Texas Instruments TPS22810 Datasheet HTML 12Page - Texas Instruments TPS22810 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VIN
VON
VOUT
IIN
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
100
150
200
250
300
350
400
450
500
550
600
D012
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D010
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D011
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
D008
-40qC
25qC
85qC
105qC
Input Voltage (V)
2.7
4.7
6.7
8.7
10.7
12.7
14.7
16.7 18
0
20
40
60
80
100
120
140
160
180
200
D009
-40qC
25qC
85qC
105qC
9
TPS22810
www.ti.com
SLVSDH0C – DECEMBER 2016 – REVISED JANUARY 2018
Product Folder Links: TPS22810
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7.8 Typical AC Characteristics
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 7. VOUT Rise Time (tR) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 8. Delay Time (tD) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
Figure 9. VOUT Fall Time (tF) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
Figure 10. Turnoff Time (tOFF) vs Input Voltage
CIN = 1 µF
RL = 10 Ω
CL = 0.1 µF
CT = 2200 pF
Figure 11. Turnon Time (tON) vs Input Voltage
VIN = 5 V
CIN = 1 µF
CL = 0.1 µF
RL = 10 Ω
CT = 2200 pF
Figure 12. Rise Time tR at VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com