Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 20Page - Texas Instruments TPS22976DPUT Datasheet HTML 21Page - Texas Instruments TPS22976DPUT Datasheet HTML 22Page - Texas Instruments TPS22976DPUT Datasheet HTML 23Page - Texas Instruments TPS22976DPUT Datasheet HTML 24Page - Texas Instruments TPS22976DPUT Datasheet HTML 25Page - Texas Instruments TPS22976DPUT Datasheet HTML 26Page - Texas Instruments TPS22976DPUT Datasheet HTML 27Page - Texas Instruments TPS22976DPUT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
This section highlights some of the design considerations for implementing the device in various applications. A
PSPICE model for this device is also available on the product page for additional information.
9.1.1 Parallel Configuration
To increase current capabilities and to lower RON, both channels can be placed in parallel as seen in Figure 9-1.
With this configuration, the CT1 and CT2 pins can be tied together to use one capacitor, CT.
See the TPS22966 Dual-Channel Load Switch in Parallel Configuration application report and Parallel Load
Switches for Higher Output Current & Reduced ON-Resistance Design Guide for more information.
TPS22976
Power
Source
µC GPIO
System
Module
GND
VIN1
ON1
VIN2
ON2
VOUT1
CT1
VOUT2
CT2
VBIAS
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Parallel Configuration
9.1.2 Standby Power Reduction
Battery powered end equipments often have strict power budgets, in which there is a need to reduce current
consumption. The TPS22976 significantly reduces system current consumption by disabling the supply voltage
to subsystems in standby states. Alternatively, the TPS22976 reduces the leakage current overhead of the
modules in standby mode as achieved in Figure 9-2. Note that standby power reduction can be achieved on
either channel, as well as dual-channel operation.
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com