Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 5 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6.4 Thermal Information (continued)
THERMAL METRIC(1)
TPS22976
UNIT
DPU (WSON)
14 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics (VBIAS = 5V)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP MAX UNIT
Power Supplies and Currents
IQ,VBIAS
VBIAS Quiescent Current
(TPS22976, both channels)
IOUT1 = IOUT2 = 0mA, VIN1,2 = VON1,2 = 5V
-40°C to 85°C
37
49
µA
-40°C to 105°C
49
µA
VBIAS Quiescent Current
(TPS22976, single-channel)
IOUT1 = IOUT2 = 0mA, VON2 = 0V, VIN1,2 =
VIN1 = 5V
-40°C to 85°C
35
43
µA
-40°C to 105°C
44
µA
IQ,VBIAS
VBIAS Quiescent Current
(TPS22976A, both
channels)
IOUT1 = IOUT2 = 0mA, VIN1,2 = VON1,2 = 5V
-40°C to 85°C
85
106
µA
-40°C to 105°C
106
µA
VBIAS Quiescent
Current (TPS22976A,
single-channel)
IOUT1 = IOUT2 = 0mA, VON2 = 0V, VIN1,2 =
VIN1 = 5V
-40°C to 85°C
83
102
µA
-40°C to 105°C
102
µA
IQ,VBIAS
VBIAS Quiescent Current
(TPS22976N, both
channels)
IOUT1 = IOUT2 = 0mA, VIN1,2 = VON1,2 = 5V
-40°C to 85°C
37
48
µA
-40°C to 105°C
49
µA
VBIAS Quiescent
Current (TPS22976N,
single-channel)
IOUT1 = IOUT2 = 0mA, VON2 = 0V, VIN1,2 =
VIN1 = 5V
-40°C to 85°C
35
43
µA
-40°C to 105°C
44
µA
ISD,VBIAS
VBIAS Shutdown Current
VON1,2 = 0V, VOUT1,2 = 0V
-40°C to 105°C
1.37
2.3
µA
ISD,VIN
VIN Shutdown Current (per
channel)
VON = 0V, VOUT = 0V
VIN = 5V
-40°C to 85°C
0.005
5.5
µA
-40°C to 105°C
11.3
µA
VIN = 3.3V
-40°C to 85°C
0.002
1.4
µA
-40°C to 105°C
3.4
µA
VIN = 1.8V
-40°C to 85°C
0.002
0.5
µA
-40°C to 105°C
1.4
µA
VIN = 0.6V
-40°C to 85°C
0.001
0.3
µA
-40°C to 105°C
0.8
µA
ION
ON Pin Leakage Current
VON = 5.5V
-40°C to 105°C
0.1
µA
www.ti.com
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com