Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 26Page - Texas Instruments TPS22976DPUT Datasheet HTML 27Page - Texas Instruments TPS22976DPUT Datasheet HTML 28Page - Texas Instruments TPS22976DPUT Datasheet HTML 29Page - Texas Instruments TPS22976DPUT Datasheet HTML 30Page - Texas Instruments TPS22976DPUT Datasheet HTML 31Page - Texas Instruments TPS22976DPUT Datasheet HTML 32Page - Texas Instruments TPS22976DPUT Datasheet HTML 33Page - Texas Instruments TPS22976DPUT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
10 Device and Documentation Support
10.1 Device Support
10.1.1 Developmental Support
For the TPS22976N PSpice Transient Model, see SLVMBV5.
For the TPS22976 PSpice Transient Model, see SLVMBV6.
10.2 Documentation Support
10.2.1 Related Documentation
For related documentation see the following:
TPS22976 Evaluation Module User's Guide
10.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (September 2020) to Revision D (December 2023)
Page
• Updated RON for TPS22976 in the Device Comparison Table .......................................................................... 3
• Updated IQ,VBIAS for TPS22976 in the Electrical Characteristics (VBIAS = 5V) ................................................ 4
• Updated RON for TPS22976 in the Electrical Characteristics (VBIAS = 5V) ..................................................... 4
• Updated RON for TPS22976 in the Electrical Characteristics (VBIAS = 2.5V) .................................................. 4
• Updated tOFF for TPS22976 in the Switching Characteristics (TPS22976) .......................................................4
• Updated four On-resistance plots for TPS22976 in the Typical DC Characteristics ........................................12
• Updated two turnoff time plots for TPS22976 in the Typical AC Characteristics .............................................15
Changes from Revision B (September 2017) to Revision C (September 2020)
Page
• Added quiescent current and rise time for TPS22976A in the Features list.......................................................1
• Added TPS22976A to the Device Information table ..........................................................................................1
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com