Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 1 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
1 Features
• Integrated dual-channel load switch
• Input voltage range: 0.6 V to VBIAS
• VBIAS voltage range: 2.5 V to 5.7 V
• On-resistance
– RON = 14 mΩ (typical)
at VIN = 0.6 V to 5 V, VBIAS = 5 V
– RON = 18 mΩ (typical)
at VIN = 0.6 V to 2.5 V, VBIAS = 2.5 V
• 6-A maximum continuous switch current per
channel
• Quiescent current for TPS22976, TPS22976N
– 37 µA (typical, both channels)
at VIN = VBIAS = 5 V
– 35 µA (typical, single channel)
at VIN = VBIAS = 5 V
• Quiescent current for TPS22976A
– 85 µA (typical, both channels)
at VIN = VBIAS = 5 V
– 83 µA (typical, single channel)
at VIN = VBIAS = 5 V
• Control input threshold enables use of
1.2-, 1.8-, 2.5-, and 3.3-V logic
• Configurable rise time
• Fast turn ON time (TPS22976A)
– tON = 17µs at VIN = 1.05V
• Thermal shutdown
• Quick Output Discharge (QOD) (optional)
• SON 14-pin package with thermal pad
• ESD performance tested per JESD 22
– 2-kV HBM and 1-kV CDM
2 Applications
• PC and notebooks
• Set-top boxes and residential gateways
• Telecom systems
• Solid-state drives (SSD)
3 Description
The TPS22976 product family consists of three
devices: TPS22976, TPS22976A and TPS22976N.
Each device is a dual-channel load switch with
controlled turnon. The device contains two N-channel
MOSFETs that can operate over an input voltage
range of 0.6 V to 5.7 V, and can support a maximum
continuous current of 6 A per channel. Each switch
is independently controlled by an on and off input
(ON1 and ON2), which can interface directly with
low-voltage control signals. The TPS22976 is capable
of thermal shutdown when the junction temperature
is above the threshold, turning the switch off. The
switch turns on again when the junction temperature
stabilizes to a safe range. The TPS22976 also offers
an optional integrated 230-Ω on-chip load resistor for
quick output discharge when the switch is turned off.
The TPS22976 is available in a small, space-
saving 3-mm × 2-mm 14-SON package (DPU) with
integrated thermal pad allowing for high power
dissipation. The device is characterized for operation
over the free-air temperature range of –40°C to
105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22976
TPS22976A
TPS22976N
WSON (14)
3.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Dual
Power
Supply
or
Dual
DC-DC
Converter
OFF
ON
TPS22976
GND
ON1
CT1
OFF
ON
ON2
GND
CT2
VBIAS
C
IN
C
L
R
L
VIN2
VIN1
VOUT1
VOUT2
C
IN
GND
C
L
R
L
Copyright © 2016, Texas Instruments Incorporated
Application Circuit
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976DPUT TI1-TPS22976DPUT Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976DPUT TI-TPS22976DPUT Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
More results

Similar Description - TPS22976DPUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com