Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 25Page - Texas Instruments TPS22976DPUT Datasheet HTML 26Page - Texas Instruments TPS22976DPUT Datasheet HTML 27Page - Texas Instruments TPS22976DPUT Datasheet HTML 28Page - Texas Instruments TPS22976DPUT Datasheet HTML 29Page - Texas Instruments TPS22976DPUT Datasheet HTML 30Page - Texas Instruments TPS22976DPUT Datasheet HTML 31Page - Texas Instruments TPS22976DPUT Datasheet HTML 32Page - Texas Instruments TPS22976DPUT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
9.3 Power Supply Recommendations
The device is designed to operate from a VBIAS range of 2.5 V to 5.7 V and a VIN range of 0.6 V to VBIAS.
9.4 Layout
9.4.1 Layout Guidelines
For best performance, all traces must be as short as possible. To be most effective, the input and output
capacitors must be placed close to the device to minimize the effects that parasitic trace inductances may have
on normal operation. Using wide traces for VIN, VOUT, and GND helps minimize the parasitic electrical effects
along with minimizing the case to ambient thermal impedance.
9.4.2 Layout Example
Notice the thermal vias located under the exposed thermal pad of the device. This allows for thermal diffusion
away from the device.
CT1 capacitor
CT2 capacitor
VIN1 capacitor
VOUT1 capacitor
VIN2 capacitor
VOUT2 capacitor
Thermal
relief vias
Figure 9-8. PCB Layout Example
9.4.3 Power Dissipation
The maximum IC junction temperature must be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable power dissipation, PD(max) for a given output current and ambient temperature,
use Equation 6.
J(max)
A
D(max)
JA
T
T
P
-
=
θ
(6)
where
• PD(max) is the maximum allowable power dissipation.
• TJ(max) is the maximum allowable junction temperature (125°C for the TPS22976).
• TA is the ambient temperature of the device.
• θJA is the junction to air thermal impedance. See the Thermal Information section. This parameter is highly
dependent upon board layout.
www.ti.com
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com