Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 3 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
4 Device Comparison Table
DEVICE
RON AT VIN = VBIAS = 5 V
(TYPICAL)
QUICK OUTPUT
DISCHARGE
MAXIMUM OUTPUT
CURRENT
TURN ON TIME <65µs AT
VIN = 1.05V
TPS22976
16 mΩ
Yes
6 A
No
TPS22976A
14 mΩ
Yes
6 A
Yes
TPS22976N
14 mΩ
No
6 A
No
5 Pin Configuration and Functions
1
VIN1
VIN1
ON1
VBIAS
VIN2
VIN2
ON2
VOUT2
VOUT1
CT1
GND
CT2
VOUT2
VOUT1
2
3
4
5
6
14
13
12
10
9
Thermal
Pad
6
7
8
11
Figure 5-1. DPU Package 14-Pin WSON with
Exposed Thermal Pad Top View
14
1
VOUT2
VOUT1
GND
CT1
CT2
VOUT2
VOUT1
VIN1
VIN1
VBIAS
VIN2
VIN2
ON1
ON2
Figure 5-2. DPU Package 14-Pin WSON with
Exposed Thermal Pad Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VIN1
I
Switch 1 input. Recommended voltage range for these pins for optimal RON performance is 0.6 V to
VBIAS. Place an optional decoupling capacitor between these pins and GND to reduce VIN1 dip during
turnon of the channel. See the Application Information section for more information.
2
3
ON1
I
Active-high switch 1 control input. Do not leave floating.
4
VBIAS
I
Bias voltage. Power supply to the device. Recommended voltage range for this pin is 2.5 V to 5.7 V.
See the Application Information section.
5
ON2
I
Active-high switch 2 control input. Do not leave floating.
6
VIN2
I
Switch 2 input. Recommended voltage range for these pins for optimal RON performance is 0.6 V to
VBIAS. Place an optional decoupling capacitor between these pins and GND to reduce VIN2 dip during
turn-on of the channel. See the Application Information section for more information.
7
8
VOUT2
O
Switch 2 output.
9
10
CT2
O
Switch 2 slew rate control. Can be left floating. Capacitor used on this pin must be rated for a
minimum of 25 V for desired rise time performance.
11
GND
—
Ground.
12
CT1
O
Switch 1 slew rate control. Can be left floating. Capacitor used on this pin must be rated for a
minimum of 25 V for desired rise time performance.
13
VOUT1
O
Switch 1 output.
14
—
Thermal pad
—
Thermal pad (exposed center pad) to alleviate thermal stress. Tie to GND. See the Layout section for
layout guidelines.
www.ti.com
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com