Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS22976DPUT
Description  TPS22976 5.7-V, 6-A, 14-mΩ On-Resistance Dual-Channel Load Switch
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS22976DPUT Datasheet HTML 24Page - Texas Instruments TPS22976DPUT Datasheet HTML 25Page - Texas Instruments TPS22976DPUT Datasheet HTML 26Page - Texas Instruments TPS22976DPUT Datasheet HTML 27Page - Texas Instruments TPS22976DPUT Datasheet HTML 28Page - Texas Instruments TPS22976DPUT Datasheet HTML 29Page - Texas Instruments TPS22976DPUT Datasheet HTML 30Page - Texas Instruments TPS22976DPUT Datasheet HTML 31Page - Texas Instruments TPS22976DPUT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
9.2.2.2 Adjustable Rise Time
A capacitor to GND on the CT pins sets the slew rate for each channel. To ensure desired performance, a
capacitor with a minimum voltage rating of 25 V must be used on either CT pins. An approximate formula for the
relationship between CT and slew rate is shown in Equation 4, and this is valid for TPS22976 and TPS22976N.
The TPS22976A has a faster rise time and is represented by Equation 5.
Equation 4 and Equation 5 account for 10% to 90% measurement on VOUT and do not apply for CT < 100 pF.
Use Table 9-2 to determine rise times for when CT = 0 pF.
TPS22976, TPS22976N:
SR = 0.42 × CT + 66
(4)
TPS22976A:
SR = 0.0606 × CT + 22
(5)
where
• SR is the slew rate (in µs/V)
• CT is the capacitance value on the CT pin (in pF)
• The units for the constants 66 and 22 are in µs/V.
Rise time can be calculated by multiplying the input voltage by the slew rate. Table 10-2 shows rise time values
measured on a typical device. Rise times shown below are only valid for the power-up sequence where VIN and
VBIAS are already in steady state condition, and the ON pin is asserted high.
Table 9-2. Rise Time Values (TPS22976, TPS22976N)
CT (pF)
RISE TIME (µs) 10% - 90%, CL = 0.1 µF, CIN = 1 µF, RL = 10 Ω(1)
5 V
3.3 V
1.8 V
1.5 V
1.2 V
1.05 V
0.6 V
0
149
112
77
70
60
56
42
220
548
388
236
206
173
154
103
470
968
673
401
342
289
256
169
1000
1768
1220
711
608
505
445
286
2200
3916
2678
1554
1332
1097
949
627
4700
8040
5477
3179
2691
2240
1964
1249
10000
16520
11150
6410
5401
4430
3933
2526
(1)
TYPICAL VALUES at 25°C, VBIAS = 5 V, 25 V X7R 10% CERAMIC CAP
9.2.3 Application Curves
VBIAS = 5 V ; VIN = 3.3 V ; CL = 22 μF
Figure 9-6. Inrush Current With CT = 0 pF
Figure 9-7. Inrush Current With CT = 220 pF
TPS22976
SLVSDE7D – NOVEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS22976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com