Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 24 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 20Page - Texas Instruments CC115LRGP Datasheet HTML 21Page - Texas Instruments CC115LRGP Datasheet HTML 22Page - Texas Instruments CC115LRGP Datasheet HTML 23Page - Texas Instruments CC115LRGP Datasheet HTML 24Page - Texas Instruments CC115LRGP Datasheet HTML 25Page - Texas Instruments CC115LRGP Datasheet HTML 26Page - Texas Instruments CC115LRGP Datasheet HTML 27Page - Texas Instruments CC115LRGP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Internal byte counter in packet handler counts from 0 to 255 and then starts at 0 again
0, 1............, 88, .............................................255, 0, ........, 88, .............................................255, 0, ........, 88, .............................................255, 0, ..
Infinite packet length mode enabled
Fixed packet length mode anbled when
less than 256 bytes remains of packet
600 bytes transmitted
Length field transmitted. PKTLEN set to
mod(600, 256) = 88
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Fixed packet length mode is selected by setting PKTCTRL0.LENGTH_CONFIG=0. The desired packet
length is set by the PKTLEN register. This value must be different from 0.
In variable packet length mode, PKTCTRL0.LENGTH_CONFIG=1, the packet length is configured by the
first byte transmitted after the sync word. The packet length is defined as the payload data, excluding the
length byte and the optional CRC. The PKTLEN value must be different from 0.
With PKTCTRL0.LENGTH_CONFIG=2, the packet length is set to infinite and transmission will continue
until turned off manually. As described in , this can be used to support packet formats with different length
configuration than natively supported by CC115L. One should make sure that TX mode is not turned off
during the transmission of the first half of any byte. Refer to the CC115L Errata Notes SWRZ036 for more
details.
NOTE
The minimum packet length supported (excluding the optional length byte and CRC) is one
byte of payload data.
5.8.1.1
Packet Length > 255
The packet automation control register, PKTCTRL0, can be reprogrammed during TX. This opens the
possibility to transmit packets that are longer than 256 bytes and still be able to use the packet handling
hardware
support.
At
the
start
of
the
packet,
the
infinite
packet
length
mode
(
PKTCTRL0.LENGTH_CONFIG=2) must be active and the PKTLEN register is set to mod(length, 256).
When less than 256 bytes remains of the packet, the MCU disables infinite packet length mode and
activates fixed packet length mode ( PKTCTRL0.LENGTH_CONFIG=0). When the internal byte counter
reaches the PKTLEN value, the transmission ends (the radio enters the state determined by
TXOFF_MODE).
Automatic
CRC
appending/checking
can
also
be
used
(by
setting
PKTCTRL0.CRC_EN=1).
When for example a 600-byte packet is to be transmitted, the MCU should do the following (see Figure 5-
7).
•
Set PKTCTRL0.LENGTH_CONFIG=2.
•
Pre-program the PKTLEN register to mod(600, 256) = 88.
•
Transmit at least 345 bytes (600 - 255), for example by filling the 64-byte TX FIFO six times (384 bytes
transmitted).
•
Set PKTCTRL0.LENGTH_CONFIG=0.
•
The transmission ends when the packet counter reaches 88. A total of 600 bytes are transmitted.
Figure 5-7. Packet Length > 255
24
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com