Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 12 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 8Page - Texas Instruments CC115LRGP Datasheet HTML 9Page - Texas Instruments CC115LRGP Datasheet HTML 10Page - Texas Instruments CC115LRGP Datasheet HTML 11Page - Texas Instruments CC115LRGP Datasheet HTML 12Page - Texas Instruments CC115LRGP Datasheet HTML 13Page - Texas Instruments CC115LRGP Datasheet HTML 14Page - Texas Instruments CC115LRGP Datasheet HTML 15Page - Texas Instruments CC115LRGP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
4.10 Power-On Reset
For proper Power-On-Reset functionality the power supply should comply with the requirements in Section 4.10. Otherwise,
the chip should be assumed to have unknown state until transmitting an SRES strobe over the SPI interface. See
Section 5.10.1, Power-On Start-Up Sequence, for further details.
Parameter
Min
Typ
Max
Unit
Condition
Power-up ramp-up time
5
ms
From 0 V until reaching 1.8 V
Minimum time between power-on and power-
Power off time
1
ms
off
4.11 Thermal Characteristics
NAME
DESCRIPTION
QFN (°C/W)
RθJA
Junction-to-ambient thermal resistance
47
RθJC(top)
Junction-to-case (top) thermal resistance
45
RθJB
Junction-to-board thermal resistance
13.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.12
12
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com