Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 14 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 10Page - Texas Instruments CC115LRGP Datasheet HTML 11Page - Texas Instruments CC115LRGP Datasheet HTML 12Page - Texas Instruments CC115LRGP Datasheet HTML 13Page - Texas Instruments CC115LRGP Datasheet HTML 14Page - Texas Instruments CC115LRGP Datasheet HTML 15Page - Texas Instruments CC115LRGP Datasheet HTML 16Page - Texas Instruments CC115LRGP Datasheet HTML 17Page - Texas Instruments CC115LRGP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.3
Configuration Overview
CC115L can be configured to achieve optimum performance for many different applications. Configuration
is done using the SPI interface. See Section 5.5 for more description of the SPI interface. The following
key parameters can be programmed:
•
Power-down / power up mode
•
Crystal oscillator power-up / power-down
•
Carrier frequency / RF channel
•
Transmit mode
•
Data rate
•
Modulation format
•
RF output power
•
Data buffering with separate 64-byte TX FIFO
•
Packet radio hardware support
Details of each configuration register can be found in Section 5.19.
Figure 5-2 shows a simplified state diagram that explains the main CC115L states together with typical
usage and current consumption. For detailed information on controlling the CC115L state machine, and a
complete state diagram, see Section 5.10.
14
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com