Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 60 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 56Page - Texas Instruments CC115LRGP Datasheet HTML 57Page - Texas Instruments CC115LRGP Datasheet HTML 58Page - Texas Instruments CC115LRGP Datasheet HTML 59Page - Texas Instruments CC115LRGP Datasheet HTML 60Page - Texas Instruments CC115LRGP Datasheet HTML 61Page - Texas Instruments CC115LRGP Datasheet HTML 62Page - Texas Instruments CC115LRGP Datasheet HTML 63Page - Texas Instruments CC115LRGP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
L
parasitic
81
101
1
C
C
1
1
C
C
=
+
+
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
6.3
Crystal
A crystal in the frequency range 26 - 27 MHz must be connected between the XOSC_Q1 and XOSC_Q2
pins. The oscillator is designed for parallel mode operation of the crystal. In addition, loading capacitors
(C81 and C101) for the crystal are required. The loading capacitor values depend on the total load
capacitance, CL, specified for the crystal. The total load capacitance seen between the crystal terminals
should equal CL for the crystal to oscillate at the specified frequency.
(7)
The parasitic capacitance is constituted by pin input capacitance and PCB stray capacitance. Total
parasitic capacitance is typically 2.5 pF.
The crystal oscillator is amplitude regulated. This means that a high current is used to start up the
oscillations. When the amplitude builds up, the current is reduced to what is necessary to maintain
approximately 0.4 Vpp signal swing. This ensures a fast start-up, and keeps the drive level to a minimum.
The ESR of the crystal should be within the specification in order to ensure a reliable start-up (see
Section 4.7).
The initial tolerance, temperature drift, aging and load pulling should be carefully specified in order to meet
the required frequency accuracy in a certain application.
Avoid routing digital signals with sharp edges close to XOSC_Q1 PCB track or underneath the crystal dc
operating point and result in duty cycle variation.
For compliance with modulation bandwidth requirements under EN 300 220 V2.3.1 in the 863 to 870 MHz
frequency range it is recommended to use a 26 MHz crystal for frequencies below 869 MHz and a 27 MHz
crystal for frequencies above 869 MHz.
6.4
Reference Signal
The chip can alternatively be operated with a reference signal from 26 to 27 MHz instead of a crystal. This
input clock can either be a full- swing digital signal (0 V to VDD) or a sine wave of maximum 1 V peak-
peak amplitude. The reference signal must be connected to the XOSC_Q1 input. The sine wave must be
connected to XOSC_Q1 using a serial capacitor. When using a full-swing digital signal, this capacitor can
be omitted. The XOSC_Q2 line must be left un-connected. C81 and C101 can be omitted when using a
reference signal.
6.5
Additional Filtering
In the 868/915 MHz reference design SWRR082, C127 and L125 together with C126 build an optional
filter to reduce emission at carrier frequency - 169 MHz. This filter is necessary for applications with an
external antenna connector that seek compliance with ETSI EN 300 220 V2.3.1. For more information,
see DN017 SWRA168. If this filtering is not necessary, C126 will work as a DC block (only necessary if
there is a DC path in the antenna). C127 and L125 should in that case be left unmounted.
Additional external components (that is, an RF SAW filter) may be used in order to improve the
performance in specific applications.
6.6
Power Supply Decoupling
The power supply must be properly decoupled close to the supply pins. Note that decoupling capacitors
are not shown in the application circuit. The placement and the size of the decoupling capacitors are very
important to achieve the optimum performance (SWRR081 and SWRR082 should be followed closely).
60
Applications, Implementation, and Layout
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com