Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 29 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 25Page - Texas Instruments CC115LRGP Datasheet HTML 26Page - Texas Instruments CC115LRGP Datasheet HTML 27Page - Texas Instruments CC115LRGP Datasheet HTML 28Page - Texas Instruments CC115LRGP Datasheet HTML 29Page - Texas Instruments CC115LRGP Datasheet HTML 30Page - Texas Instruments CC115LRGP Datasheet HTML 31Page - Texas Instruments CC115LRGP Datasheet HTML 32Page - Texas Instruments CC115LRGP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
NOTE
The above reset procedure is only required just after the power supply is first turned on. If
the user wants to reset the CC115L after this, it is only necessary to issue an SRES
command strobe.
5.10.2 Crystal Control
The
crystal
oscillator
(XOSC)
is
either
automatically
controlled
or
always
on,
if
MCSM0.XOSC_FORCE_ON is set.
In the automatic mode, the XOSC will be turned off if the SXOFF or SPWD command strobes are issued;
the state machine then goes to XOFF or SLEEP respectively. This can only be done from the IDLE state.
The XOSC will be turned off when CSn is released (goes high). The XOSC will be automatically turned on
again when CSn goes low. The state machine will then go to the IDLE state. The SO pin on the SPI
interface must be pulled low before the SPI interface is ready to be used as described in Section 5.5.1.
If the XOSC is forced on, the crystal will always stay on even in the SLEEP state.
Crystal oscillator start-up time depends on crystal ESR and load capacitances. The electrical specification
for the crystal oscillator can be found in Section 4.7.
5.10.3 Voltage Regulator Control
The voltage regulator to the digital core is controlled by the radio controller. When the chip enters the
SLEEP state which is the state with the lowest current consumption, the voltage regulator is disabled. This
occurs after CSn is released when a SPWD command strobe has been sent on the SPI interface. The
chip is then in the SLEEP state. Setting CSn low again will turn on the regulator and crystal oscillator and
make the chip enter the IDLE state.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com