Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 34 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 30Page - Texas Instruments CC115LRGP Datasheet HTML 31Page - Texas Instruments CC115LRGP Datasheet HTML 32Page - Texas Instruments CC115LRGP Datasheet HTML 33Page - Texas Instruments CC115LRGP Datasheet HTML 34Page - Texas Instruments CC115LRGP Datasheet HTML 35Page - Texas Instruments CC115LRGP Datasheet HTML 36Page - Texas Instruments CC115LRGP Datasheet HTML 37Page - Texas Instruments CC115LRGP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
XOSC
IF
10
ƒ
ƒ
FREQ _ IF
2
=
×
CHANSPC _ 2 2
XOSC
carrier
16
ƒ
ƒ
(FREQ
CHAN ((256
CHANSPC _ M) 2
))
2
-
=
×
+
×
+
×
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.12 Frequency Programming
The frequency programming in CC115L is designed to minimize the programming needed when changing
frequency.
To set up a system with channel numbers, the desired channel spacing is programmed with the
MDMCFG0.CHANSPC_M and MDMCFG1.CHANSPC_E registers. The channel spacing registers are
mantissa and exponent respectively. The base or start frequency is set by the 24 bit frequency word
located in the FREQ2, FREQ1, and FREQ0 registers. This word will typically be set to the center of the
lowest channel frequency that is to be used.
The desired channel number is programmed with the 8-bit channel number register, CHANNR.CHAN,
which is multiplied by the channel offset. The resultant carrier frequency is given by:
(5)
With a 26 MHz crystal the maximum channel spacing is 405 kHz. To get that is, 1-MHz channel spacing,
one solution is to use 333 kHz channel spacing and select each third channel in CHANNR.CHAN.
The preferred IF frequency is programmed with the FSCTRL1.FREQ_IF register. The IF frequency is
given by:
(6)
If any frequency programming register is altered when the frequency synthesizer is running, the
synthesizer may give an undesired response. Hence, the frequency should only be updated when the
radio is in the IDLE state.
34
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com