Electronic Components Datasheet Search
  English  ▼

X  

CC115LRGP Datasheet(PDF) 30 Page - Texas Instruments

Part # CC115LRGP
Description  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGP Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC115LRGP Datasheet HTML 26Page - Texas Instruments CC115LRGP Datasheet HTML 27Page - Texas Instruments CC115LRGP Datasheet HTML 28Page - Texas Instruments CC115LRGP Datasheet HTML 29Page - Texas Instruments CC115LRGP Datasheet HTML 30Page - Texas Instruments CC115LRGP Datasheet HTML 31Page - Texas Instruments CC115LRGP Datasheet HTML 32Page - Texas Instruments CC115LRGP Datasheet HTML 33Page - Texas Instruments CC115LRGP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
CC115L
SWRS105B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.10.4 Transmit Mode (TX)
Transmit mode is activated directly by the MCU by using the STX command strobe.
The frequency synthesizer must be calibrated regularly. CC115L has one manual calibration option (using
the
SCAL
strobe),
and
three
automatic
calibration
options
that
are
controlled
by
the
MCSM0.FS_AUTOCAL setting:
•
Calibrate when going from IDLE to TX (or FSTXON)
•
Calibrate when going from TX to IDLE automatically (not forced in IDLE by issuing an SIDLE strobe)
•
Calibrate every fourth time when going from TX to IDLE automatically (not forced in IDLE by issuing an
SIDLE strobe)
If the radio goes from TX to IDLE by issuing an SIDLE strobe, calibration will not be performed. The
calibration takes a constant number of XOSC cycles; see Table 5-5 for timing details regarding calibration.
When TX is active the chip will remain in the TX state until the current packet has been successfully
transmitted. Then the state will change as indicated by the MCSM1.TXOFF_MODE setting. The possible
destinations are:
•
IDLE
•
FSTXON: Frequency synthesizer on and ready at the TX frequency. Activate TX with STX
•
TX: Start sending preamble
The SIDLE command strobe can always be used to force the radio controller to go to the IDLE state.
5.10.5 Timing
5.10.5.1 Overall State Transition Times
The main radio controller needs to wait in certain states in order to make sure that the internal
analog/digital parts have settled down and are ready to operate in the new states. A number of factors are
important for the state transition times:
•
The crystal oscillator frequency, fxosc
•
OOK used or not
•
The data rate in cases where OOK is used
•
The value of the TEST0, TEST1, and FSCAL3 registers
Table 5-5 shows timing in crystal clock cycles for key state transitions.
Note that the TX to IDLE transition time is a function of data rate (fbaudrate). When OOK is used (that is,
FREND0.PA_POWER=001b), TX to IDLE will require 1/8×f baudrate longer times than the time stated in
Table 5-5.
30
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com