Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 20 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 16Page - Texas Instruments MSP430FW423IPM Datasheet HTML 17Page - Texas Instruments MSP430FW423IPM Datasheet HTML 18Page - Texas Instruments MSP430FW423IPM Datasheet HTML 19Page - Texas Instruments MSP430FW423IPM Datasheet HTML 20Page - Texas Instruments MSP430FW423IPM Datasheet HTML 21Page - Texas Instruments MSP430FW423IPM Datasheet HTML 22Page - Texas Instruments MSP430FW423IPM Datasheet HTML 23Page - Texas Instruments MSP430FW423IPM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics
Supply Current Into AVCC + DVCC Excluding External Current (FW423, FW425, FW427)
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TA
VCC
MIN
TYP
MAX
UNIT
Active mode (AM)
2.2 V
200
250
I(AM)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
-40°C to 85°C
µA
3 V
300
350
f(ACLK) = 32768 Hz, XTS_FLL = 0
Low-power mode 0 (LPM0)(2)
2.2 V
57
70
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
I(LPM0)
-40°C to 85°C
µA
f(ACLK) = 32768 Hz, XTS_FLL = 0,
3 V
92
100
FN_8 = FN_4 = FN_3 = FN_2 = 0
2.2 V
11
14
I(LPM2)
Low-power mode 2 (LPM2)(2)
-40°C to 85°C
µA
3 V
17
22
-40°C
0.95
1.4
-10°C
0.8
1.3
25°C
2.2 V
0.7
1.2
60°C
0.95
1.4
85°C
1.6
2.3
I(LPM3)
Low-power mode 3 (LPM3)(3)(2)
µA
-40°C
1.1
1.7
-10°C
1
1.6
25°C
3 V
0.9
1.5
60°C
1.1
1.7
85°C
2
2.6
-40°C
0.1
0.5
I(LPM4)
Low-power mode (LPM4)(2)
25°C
2.2 V, 3 V
0.1
0.5
µA
85°C
0.8
2.5
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current. The current consumption is measured with active Basic
Timer1 and LCD (ACLK selected). The current consumption of the Comparator_A and the SVS module are specified in the respective
sections.
(2)
Current consumption for brownout included.
(3)
The LPM3 currents are characterized with a KDS Daishinku DT
−38 (6 pF) crystal.
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com