Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 29 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 25Page - Texas Instruments MSP430FW423IPM Datasheet HTML 26Page - Texas Instruments MSP430FW423IPM Datasheet HTML 27Page - Texas Instruments MSP430FW423IPM Datasheet HTML 28Page - Texas Instruments MSP430FW423IPM Datasheet HTML 29Page - Texas Instruments MSP430FW423IPM Datasheet HTML 30Page - Texas Instruments MSP430FW423IPM Datasheet HTML 31Page - Texas Instruments MSP430FW423IPM Datasheet HTML 32Page - Texas Instruments MSP430FW423IPM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
VCC
3 V
VCC(drop)
tpw
0
0.5
1
1.5
2
tpw − Pulse Width − µs
0.001
1
1000
tf
tr
tpw − Pulse Width − µs
tf = tr
V
= 3 V
Typical Conditions
cc
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
www.ti.com
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
Figure 12. VCC(drop) Level With a Triangle Voltage Drop to Generate a POR or BOR Signal
SVS (Supply Voltage Supervisor and Monitor)
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(SVSR)
dVCC/dt > 30 V/ms (see Figure 13)
5
150
µs
dVCC/dt ≤ 30 V/ms
2000
td(SVSon)
SVSon, switch from VLD = 0 to VLD
≉ 0, VCC = 3 V
20
150
µs
tsettle
VLD
≠ 0(3)
12
µs
V(SVSstart)
VLD
≠ 0, VCC/dt ≤ 3 V/s (see Figure 13)
1.55
1.7
V
VLD = 1
70
120
155
mV
VCC/dt ≤ 3 V/s (see Figure 13)
V(SVS_IT-)
V(SVS_IT-)
VLD = 2 to 14
Vhys(SVS_IT-)
x 0.004
× 0.08
VCC/dt ≤ 3 V/s (see Figure 13), external voltage
VLD = 15
4.4
10.4
mV
applied on A7
V(SVS_IT-)
VLD = 1
1.8
1.9
2.05
VLD = 2
1.94
2.1
2.25
VLD = 3
2.05
2.2
2.37
VLD = 4
2.14
2.3
2.48
VLD = 5
2.24
2.4
2.6
VLD = 6
2.33
2.5
2.71
VLD = 7
2.46
2.65
2.86
VCC/dt ≤ 3 V/s (see Figure 13)
VLD = 8
2.58
2.8
3
V
VLD = 9
2.69
2.9
3.13
VLD = 10
2.83
3.05
3.29
VLD = 11
2.94
3.2
3.42
VLD = 12
3.11
3.35
3.61(4)
VLD = 13
3.24
3.5
3.76(4)
VLD = 14
3.43
3.7(4)
3.99(4)
VCC/dt ≤ 3 V/s (see Figure 13), external voltage
VLD = 15
1.1
1.2
1.3
applied on A7
ICC(SVS)
(5)
VLD
≉ 0, VCC = 2.2 V, 3 V
10
15
µA
(1)
The current consumption of the SVS module is not included in the ICC current consumption data.
(2)
The SVS is not active at power up.
(3)
tsettle is the settling time that the comparator o/p needs to have a stable level after VLD is switched from VLD ≠ 0 to a different VLD
value between 2 and 15. The overdrive is assumed to be > 50 mV.
(4)
The recommended operating voltage range is limited to 3.6 V.
(5)
The current consumption of the SVS module is not included in the ICC current consumption data.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com