Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 49 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 45Page - Texas Instruments MSP430FW423IPM Datasheet HTML 46Page - Texas Instruments MSP430FW423IPM Datasheet HTML 47Page - Texas Instruments MSP430FW423IPM Datasheet HTML 48Page - Texas Instruments MSP430FW423IPM Datasheet HTML 49Page - Texas Instruments MSP430FW423IPM Datasheet HTML 50Page - Texas Instruments MSP430FW423IPM Datasheet HTML 51Page - Texas Instruments MSP430FW423IPM Datasheet HTML 52Page - Texas Instruments MSP430FW423IPM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
P6IN.3
Module X IN
Pad Logic
EN
D
P6OUT.x
P6DIR.3
P6SEL.3
SIFCAOUT
0
1
0
1
Bus Keeper
To/From Scan I/F
0: Input
1: Output
P6.3/SIFCH3/SIFCAOUT
P6SEL.x must be set if the corresponding pins are used by the Scan IF
.
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
www.ti.com
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
NOTE
The signal at pins P6.x/SIFCHx and P6.x/SIFCIx are shared by Port P6 and the Scan IF
module. P6SEL.x must be set if the corresponding pins are used by the Scan IF.
Port P6, P6.3 Input/Output With Schmitt Trigger
NOTE
Analog signals applied to digital gates can cause current flow from the positive to the
negative terminal. The throughput current flows if the analog signal is in the range of
transitions 0
→1 or 1→0. The value of the throughput current depends on the driving
capability of the gate. For MSP430, it is approximately 100 µA.
Use P6SEL.x=1 to prevent throughput current. P6SEL.x should be set, if an analog signal
is applied to the pin.
P6SEL.3
P6DIR.3
Port Function
0
0
P6.3 Input
0
1
P6.3 Output
1
0
SIFCH3 (Scan IF channel 3 excitation output and comparator input)
1
1
SIFCAOUT (Comparator output)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com