Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 6Page - Texas Instruments MSP430FW423IPM Datasheet HTML 7Page - Texas Instruments MSP430FW423IPM Datasheet HTML 8Page - Texas Instruments MSP430FW423IPM Datasheet HTML 9Page - Texas Instruments MSP430FW423IPM Datasheet HTML 10Page - Texas Instruments MSP430FW423IPM Datasheet HTML 11Page - Texas Instruments MSP430FW423IPM Datasheet HTML 12Page - Texas Instruments MSP430FW423IPM Datasheet HTML 13Page - Texas Instruments MSP430FW423IPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
www.ti.com
Special Function Registers
Most interrupt and module-enable bits are collected in the lowest address space. Special-function register bits
not allocated to a functional purpose are not physically present in the device. This arrangement provides simple
software access.
Interrupt Enable 1 and 2
Address
7
6
5
4
3
2
1
0
00h
ACCVIE
NMIIE
OFIE
WDTIE
rw-0
rw-0
rw-0
rw-0
7
6
5
4
3
2
1
0
01h
BTIE
rw-0
WDTIE:
Watchdog-timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog timer is configured in interval
timer mode.
OFIE:
Oscillator-fault-interrupt enable
NMIIE:
Nonmaskable-interrupt enable
ACCVIE:
Flash access violation interrupt enable
BTIE:
Basic Timer1 interrupt enable
Interrupt Flag Register 1 and 2
Address
7
6
5
4
3
2
1
0
02h
NMIIFG
OFIFG
WDTIFG
rw-0
rw-1
rw-(0)
7
6
5
4
3
2
1
0
03h
BTIFG
rw-0
WDTIFG:
Set on watchdog timer overflow (in watchdog mode) or security key violation.
Reset on VCC power up or a reset condition at the RST/NMI pin in reset mode
OFIFG:
Flag set on oscillator fault
NMIIFG:
Set via RST/NMI pin
BTIFG:
Basic Timer1 interrupt flag
Module Enable Registers 1 and 2
Address
7
6
5
4
3
2
1
0
04h/05h
Legend
rw:
Bit can be Read and Written.
rw-0,1:
Bit can be Read and Written. It is Reset or Set by PUC.
rw-(0,1):
Bit can be Read and Written. It is Reset or Set by POR.
SFR bit is not present in device
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com