Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 28 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 28 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 24Page - Texas Instruments MSP430FW423IPM Datasheet HTML 25Page - Texas Instruments MSP430FW423IPM Datasheet HTML 26Page - Texas Instruments MSP430FW423IPM Datasheet HTML 27Page - Texas Instruments MSP430FW423IPM Datasheet HTML 28Page - Texas Instruments MSP430FW423IPM Datasheet HTML 29Page - Texas Instruments MSP430FW423IPM Datasheet HTML 30Page - Texas Instruments MSP430FW423IPM Datasheet HTML 31Page - Texas Instruments MSP430FW423IPM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
0
0.5
1
1.5
2
0.001
1
1000
V
= 3 V
Typical Conditions
1 ns
1 ns
tpw − Pulse Width − µs
tpw − Pulse Width − µs
cc
VCC
3 V
VCC(drop)
tpw
0
1
V
VCC(start)
Vhys(B_IT−)
VCC
td(BOR)
(B_IT−)
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
www.ti.com
POR, BOR
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(BOR)
2000
µs
0.7 ×
VCC(start)
dVCC/dt ≤ 3 V/s (see Figure 10)
V
V(B_IT- )
V(B_IT-)
Brownout(2)
dVCC/dt ≤ 3 V/s (see Figure 10 through Figure 12)
1.71
V
Vhys(B_IT-)
dVCC/dt ≤ 3 V/s (see Figure 10)
70
130
210
mV
Pulse duration needed at RST/NMI pin to accepted
t(reset)
2
µs
reset internally, VCC = 2.2 V, 3 V
(1)
The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT-) +
Vhys(B_IT-) is ≤ 1.8 V.
(2)
During power up, the CPU begins code execution following a period of td(BOR) after VCC = V(B_IT-)+ Vhys(B_IT-). The default FLL+ settings
must not be changed until VCC ≥ VCC(min), where VCC(min) is the minimum supply voltage for the desired operating frequency. See the
MSP430x4xx Family User's Guide (SLAU056) for more information on the brownout and SVS circuit.
Figure 10. POR and BOR vs Supply Voltage
Figure 11. VCC(drop) Level with a Square Voltage Drop to Generate a POR/Brownout Signal
28
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com