Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 33 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 29Page - Texas Instruments MSP430FW423IPM Datasheet HTML 30Page - Texas Instruments MSP430FW423IPM Datasheet HTML 31Page - Texas Instruments MSP430FW423IPM Datasheet HTML 32Page - Texas Instruments MSP430FW423IPM Datasheet HTML 33Page - Texas Instruments MSP430FW423IPM Datasheet HTML 34Page - Texas Instruments MSP430FW423IPM Datasheet HTML 35Page - Texas Instruments MSP430FW423IPM Datasheet HTML 36Page - Texas Instruments MSP430FW423IPM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
www.ti.com
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
Crystal Oscillator, LFXT1 Oscillator
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
OSCCAPx = 0h
0
OSCCAPx = 1h
10
CXIN
Integrated input capacitance(3)
2.2 V, 3 V
pF
OSCCAPx = 2h
14
OSCCAPx = 3h
18
OSCCAPx = 0h
0
OSCCAPx = 1h
10
CXOUT Integrated output capacitance
(3)
2.2 V, 3 V
pF
OSCCAPx = 2h
14
OSCCAPx = 3h
18
VIL
VSS
0.2 × VCC
Input levels at XIN(4)
2.2 V, 3 V
V
VIH
0.8 × VCC
VCC
(1)
The parasitic capacitance from the package and board may be estimated to be 2 pF. The effective load capacitor for the crystal is
(CXIN × CXOUT) / (CXIN + CXOUT). This is independent of XTS_FLL.
(2)
To improve EMI on the low-power LFXT1 oscillator, particularly in the LF mode (32 kHz), the following guidelines should be observed.
(a) Keep the trace between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
(d) Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
(e) Use assembly materials and techniques that avoid any parasitic load on the oscillator XIN and XOUT pins.
(f) If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
(g) Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other documentation. This
signal is no longer required for the serial programming adapter.
(3)
External capacitance is recommended for precision real-time clock applications; OSCCAPx = 0h.
(4)
Applies only when using an external logic-level clock source. XTS_FLL must be set. Not applicable when using a crystal or resonator.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com