Electronic Components Datasheet Search
  English  ▼

X  

MSP430FW423IPM Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP430FW423IPM
Description  MSP430FW42x Mixed-Signal Microcontroller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FW423IPM Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430FW423IPM Datasheet HTML 27Page - Texas Instruments MSP430FW423IPM Datasheet HTML 28Page - Texas Instruments MSP430FW423IPM Datasheet HTML 29Page - Texas Instruments MSP430FW423IPM Datasheet HTML 30Page - Texas Instruments MSP430FW423IPM Datasheet HTML 31Page - Texas Instruments MSP430FW423IPM Datasheet HTML 32Page - Texas Instruments MSP430FW423IPM Datasheet HTML 33Page - Texas Instruments MSP430FW423IPM Datasheet HTML 34Page - Texas Instruments MSP430FW423IPM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
TA − °C
VCC − V
f
(DCO)
f
(DCO20 C)
f
(DCO)
f
(DCO3V)
1.8
3.0
2.4
3.6
1.0
20
60
40
85
1.0
0
−20
−40
0
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
www.ti.com
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
DCO
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2,
f(DCOCLK)
2.2 V, 3 V
1
MHz
DCOPLUS = 0, fCrystal = 32.768 kHz
2.2 V
0.3
0.65
1.25
f(DCO = 2)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
MHz
3 V
0.3
0.7
1.3
2.2 V
2.5
5.6
10.5
f(DCO = 27)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
MHz
3 V
2.7
6.1
11.3
2.2 V
0.7
1.3
2.3
f(DCO = 2)
FN_8 = FN_4 = FN_3 = FN_2 = 1, DCOPLUS = 1
MHz
3 V
0.8
1.5
2.5
2.2 V
5.7
10.8
18
f(DCO = 27)
FN_8 = FN_4 = FN_3 = FN_2 = 1, DCOPLUS = 1
MHz
3 V
6.5
12.1
20
2.2 V
1.2
2
3
f(DCO = 2)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x, DCOPLUS = 1
MHz
3 V
1.3
2.2
3.5
2.2 V
9
15.5
25
f(DCO = 27)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x, DCOPLUS = 1
MHz
3 V
10.3
17.9
28.5
2.2 V
1.8
2.8
4.2
f(DCO = 2)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 = x, DCOPLUS = 1
MHz
3 V
2.1
3.4
5.2
2.2 V
13.5
21.5
33
f(DCO = 27)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 = x, DCOPLUS = 1
MHz
3 V
16
26.6
41
2.2 V
2.8
4.2
6.2
f(DCO = 2)
FN_8 = 1, FN_4 = 1 = FN_3 = FN_2 = x, DCOPLUS = 1
MHz
3 V
4.2
6.3
9.2
2.2 V
21
32
46
f(DCO = 27)
FN_8 = 1, FN_4 = 1 = FN_3 = FN_2 = x, DCOPLUS = 1
MHz
3 V
30
46
70
1 < TAP
≤ 20
1.06
1.11
Step size between adjacent DCO taps:
Sn
Sn = fDCO(Tap n+1) /fDCO(Tap n) (see Figure 16 for taps 21 to 27)
TAP = 27
1.07
1.17
2.2 V
-0.2
-0.3
-0.4
Temperature drift, N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 =
Dt
%/°C
FN_2 = 0, D = 2, DCOPLUS = 0
3 V
-0.2
-0.3
-0.4
Drift with VCC variation, N(DCO) = 01Eh, FN_8 = FN_4 = FN_3
DV
2.2 V, 3 V
0
5
15
%/V
= FN_2 = 0, D = 2, DCOPLUS = 0
Figure 15. DCO Frequency vs Supply Voltage VCC and vs Ambient Temperature
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com