Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 413 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 413 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 409Page - Texas Instruments TDA2SA Datasheet HTML 410Page - Texas Instruments TDA2SA Datasheet HTML 411Page - Texas Instruments TDA2SA Datasheet HTML 412Page - Texas Instruments TDA2SA Datasheet HTML 413Page - Texas Instruments TDA2SA Datasheet HTML 414Page - Texas Instruments TDA2SA Datasheet HTML 415Page - Texas Instruments TDA2SA Datasheet HTML 416Page - Texas Instruments TDA2SA Datasheet HTML 417Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 427 page
background image
=
Rtt
A2
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
413
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
A.
It is very likely that the longest CK/ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the DDR3
memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net class that
satisfies this criteria and use as the baseline for CK/ADDR_CTRL skew matching and length control.
The length of shorter CK/ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length calculation. Non-included lengths are grayed out in the figure.
Assuming A8 is the longest, CALM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 8-83. CACLM for Two Address Loads on One Side of PCB
Table 8-52. CK and ADDR_CTRL Routing Specification(2)(3)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
CARS31
A1+A2 length
500(1)
ps
CARS32
A1+A2 skew
29
ps
CARS33
A3 length
125
ps
CARS34
A3 skew(4)
6
ps
CARS35
A3 skew(5)
6
ps
CARS36
A4 length
125
ps
CARS37
A4 skew
6
ps
CARS38
AS length
5(1)
17
ps
CARS39
AS skew
1.3(1)
14
ps
CARS310
AS+/AS- length
5
12
ps
CARS311
AS+/AS- skew
1
ps
CARS312
AT length(6)
75
ps
CARS313
AT skew(7)
14
ps
CARS314
AT skew(8)
1
ps
CARS315
CK/ADDR_CTRL trace length
1020
ps
CARS316
Vias per trace
3(1)
vias
CARS317
Via count difference
1(15)
vias
CARS318
Center-to-center CK to other DDR3 trace spacing(9)
4w
CARS319
Center-to-center ADDR_CTRL to other DDR3 trace spacing(9)(10)
4w
CARS320
Center-to-center ADDR_CTRL to other ADDR_CTRL trace
spacing(9)
3w
CARS321
CK center-to-center spacing(11)(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com