Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 412 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 412 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 408Page - Texas Instruments TDA2SA Datasheet HTML 409Page - Texas Instruments TDA2SA Datasheet HTML 410Page - Texas Instruments TDA2SA Datasheet HTML 411Page - Texas Instruments TDA2SA Datasheet HTML 412Page - Texas Instruments TDA2SA Datasheet HTML 413Page - Texas Instruments TDA2SA Datasheet HTML 414Page - Texas Instruments TDA2SA Datasheet HTML 415Page - Texas Instruments TDA2SA Datasheet HTML 416Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 427 page
background image
=
Rtt
A2
A3
A4
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
412
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
8.7.3.17 Routing Specification
8.7.3.17.1 CK and ADDR_CTRL Routing Specification
Skew within the CK and ADDR_CTRL net classes directly reduces setup and hold margin and, thus, this
skew must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter
traces up to the length of the longest net in the net class and its associated clock. A metric to establish
this maximum length is Manhattan distance. The Manhattan distance between two points on a PCB is the
length between the points when connecting them only with horizontal or vertical segments. A reasonable
trace route length is to within a percentage of its Manhattan distance. CACLM is defined as Clock Address
Control Longest Manhattan distance.
Given the clock and address pin locations on the processor and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 8-82 and Figure 8-83 show
this distance for four loads and two loads, respectively. It is from this distance that the specifications on
the lengths of the transmission lines for the address bus are determined. CACLM is determined similarly
for other address bus configurations; that is, it is based on the longest net of the CK/ADDR_CTRL net
class. For CK and ADDR_CTRL routing, these specifications are contained in Table 8-52.
A.
It is very likely that the longest CK/ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the DDR3
memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net class that
satisfies this criteria and use as the baseline for CK/ADDR_CTRL skew matching and length control.
The length of shorter CK/ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length calculation. Non-included lengths are grayed out in the figure.
Assuming A8 is the longest, CALM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 8-82. CACLM for Four Address Loads on One Side of PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com