Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 408 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 408 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 404Page - Texas Instruments TDA2SA Datasheet HTML 405Page - Texas Instruments TDA2SA Datasheet HTML 406Page - Texas Instruments TDA2SA Datasheet HTML 407Page - Texas Instruments TDA2SA Datasheet HTML 408Page - Texas Instruments TDA2SA Datasheet HTML 409Page - Texas Instruments TDA2SA Datasheet HTML 410Page - Texas Instruments TDA2SA Datasheet HTML 411Page - Texas Instruments TDA2SA Datasheet HTML 412Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 427 page
background image
=
Rtt
A2
A3
AT
VTT
=
Rcp
Rcp
Cac
DDR_1V5
0.1 µF
A2
A3
AT
A2
A3
AT
408
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-72. CK Routing for Two Mirrored DDR3 Devices
Figure 8-73. ADDR_CTRL Routing for Two Mirrored DDR3 Devices
8.7.3.15.3 One DDR3 Device
A single DDR3 device is supported on the DDR EMIF consisting of one x16 DDR3 device arranged as
one bank (CS), 16 bits wide.
8.7.3.15.3.1 CK and ADDR_CTRL Topologies, One DDR3 Device
Figure 8-74 shows the topology of the CK net classes and Figure 8-75 shows the topology for the
corresponding ADDR_CTRL net classes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com