Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 405 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 405 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 401Page - Texas Instruments TDA2SA Datasheet HTML 402Page - Texas Instruments TDA2SA Datasheet HTML 403Page - Texas Instruments TDA2SA Datasheet HTML 404Page - Texas Instruments TDA2SA Datasheet HTML 405Page - Texas Instruments TDA2SA Datasheet HTML 406Page - Texas Instruments TDA2SA Datasheet HTML 407Page - Texas Instruments TDA2SA Datasheet HTML 408Page - Texas Instruments TDA2SA Datasheet HTML 409Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 427 page
background image
=
Rtt
A2
A3
A4
AT
VTT
A3
=
Rcp
Rcp
Cac
DDR_1V5
0.1 µF
A2
A3
A4
A2
A3
A4
AT
AT
A3
A3
405
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-66. CK Routing for Four Mirrored DDR3 Devices
Figure 8-67. ADDR_CTRL Routing for Four Mirrored DDR3 Devices
8.7.3.15.2 Two DDR3 Devices
Two DDR3 devices are supported on the DDR EMIF consisting of two x8 DDR3 devices arranged as one
bank (CS), 16 bits wide, or two x16 DDR3 devices arranged as one bank (CS), 32 bits wide. These two
devices may be mounted on a single side of the PCB, or may be mirrored in a pair to save board space at
a cost of increased routing complexity and parts on the backside of the PCB.
8.7.3.15.2.1 CK and ADDR_CTRL Topologies, Two DDR3 Devices
Figure 8-68 shows the topology of the CK net classes and Figure 8-69 shows the topology for the
corresponding ADDR_CTRL net classes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com