Electronic Components Datasheet Search
  English  ▼

X  

TDA2SA Datasheet(PDF) 410 Page - Texas Instruments

Part # TDA2SA
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SA Datasheet(HTML) 410 Page - Texas Instruments

Back Button TDA2SA Datasheet HTML 406Page - Texas Instruments TDA2SA Datasheet HTML 407Page - Texas Instruments TDA2SA Datasheet HTML 408Page - Texas Instruments TDA2SA Datasheet HTML 409Page - Texas Instruments TDA2SA Datasheet HTML 410Page - Texas Instruments TDA2SA Datasheet HTML 411Page - Texas Instruments TDA2SA Datasheet HTML 412Page - Texas Instruments TDA2SA Datasheet HTML 413Page - Texas Instruments TDA2SA Datasheet HTML 414Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 427 page
background image
=
Rtt
A2
AT
VTT
=
Rcp
Rcp
Cac
DDR_1V5
0.1 µF
A2
AT
A2
AT
410
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Applications, Implementation, and Layout
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 8-76. CK Routing for One DDR3 Device
Figure 8-77. ADDR_CTRL Routing for One DDR3 Device
8.7.3.16 Data Topologies and Routing Definition
No matter the number of DDR3 devices used, the data line topology is always point to point, so its
definition is simple.
Care should be taken to minimize layer transitions during routing. If a layer transition is necessary, it is
better to transition to a layer using the same reference plane. If this cannot be accommodated, ensure
there are nearby ground vias to allow the return currents to transition between reference planes if both
reference planes are ground or vdds_ddr. Ensure there are nearby bypass capacitors to allow the return
currents to transition between reference planes if one of the reference planes is ground. The goal is to
minimize the size of the return current loops.
8.7.3.16.1 DQS and DQ/DM Topologies, Any Number of Allowed DDR3 Devices
DQS lines are point-to-point differential, and DQ/DM lines are point-to-point singled ended. Figure 8-78
and Figure 8-79 show these topologies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com