Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 50 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 50 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
50 of 111
Semtech
LLCC68
www.semtech.com
8.3 Multi-Purpose Digital Input/Output (DIO)
The chip is interfaced through the 4 control lines which are composed of the BUSY pin and 3 DIOs pins that can be configured as interrupt,
debug or to control the radio immediate peripherals (TCXO or RF Switch).
8.3.1 BUSY Control Line
The BUSY control line is used to indicate the status of the internal state machine. When the BUSY line is held low, it indicates that the internal
state machine is in idle mode and that the radio is ready to accept a command from the host controller.
The BUSY control line is set back to zero once the chip has reached a stable mode and it is ready for a new command. Inherently, the amount
of time the BUSY line stays high depends on the nature of the command. For example, setting the device into TX mode from the STDBY_RC
mode takes much more time than simply changing some radio parameters because the internal state machine maintains the BUSY line high
until the radio is effectively transmitting the packet.
Figure 8-3: Switching Time Definition
For the internal state machine, all “write” commands cause the BUSY line to be asserted high after time TSW,as per the graph above. TSW
represents the time required for the internal state machine to wake-up and start processing the command.
Conversely, the “read” command is handled directly without the help of the internal state machine and thus the BUSY line remains low after
a “read” command.
The max value for TSW from NSS rising edge to the BUSY rising edge is, in all cases, 600ns.
In Sleep mode, the BUSY pin is held high through a 20kΩ resistor. The BUSY line goes low as soon as the radio leaves Sleep mode.
In FS, BUSY goes low when the PLL is locked.
In RX, BUSY goes low as soon as the RX is up and ready to receive data.
In TX, BUSY goes low when the PA has ramped-up and transmission of preamble starts.
In addition to this, the BUSY also goes high to handle its internal IRQ. In this scenario, it is essential to wait for the BUSY line to go low before
sending an SPI command (either a “read” or “write” command).
Figure 8-4: Switching Time Definition in Active Mode
BUSY
NSS
SPI
(MOSI, MISO, SCK)
opcode
Param1
Param…
BUSY
NSS
SPI
(MOSI, MISO, SCK)
opcode
Param1
Param…
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com