Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 54 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 54 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 50Page - Semtech Corporation LLCC68 Datasheet HTML 51Page - Semtech Corporation LLCC68 Datasheet HTML 52Page - Semtech Corporation LLCC68 Datasheet HTML 53Page - Semtech Corporation LLCC68 Datasheet HTML 54Page - Semtech Corporation LLCC68 Datasheet HTML 55Page - Semtech Corporation LLCC68 Datasheet HTML 56Page - Semtech Corporation LLCC68 Datasheet HTML 57Page - Semtech Corporation LLCC68 Datasheet HTML 58Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
54 of 111
Semtech
LLCC68
www.semtech.com
8.6 DIO3 as a Manual Switch Control
DIO3 can be controlled via several register accesses. Simply perform the following steps to configure DIO3:
1. Set bit 3 of register@0x0580 to 1 (output enable on DIO3).
2. Set bit 3 of register@0x0583 to 0 (input disable on DIO3).
3. Set bit 3 of register@0x0584 to 0 (pull-up disable on DIO3).
4. Set bit 3 of register@0x0585 to 0 (pull-down disable on DIO3).
5. Set bits [0 to 2] of register@0x0920 to the output voltage you need on DIO3 (see Table 13-35, “tcxoVoltage Configuration Definition,”
on page 81).
To set the level of DIO3:
• Set bit 3 of register@0x0920 to 1 to have DIO3 high
• Set bit 3 of register@0x0920 to 0 to have DIO3 low
The configuration step is performed at PoR and each time the chip comes from SLEEP mode (because the state machine overwrites this
custom configuration). For instance, if you want to configure DIO3 as a 3V output:
1. Write(0x0580, Read(0x0580) | 0x08);
2. Write(0x0583, Read(0x0583) & ~0x08);
3. Write(0x0584, Read(0x0584) & ~0x08);
4. Write(0x0585, Read(0x0585) & ~0x08);
5. Write(0x0920, 0x06); // 0x06 for "DIO3 outputs 3.0 V"
To set DIO3 high: write(0x0920, read(0x0920) | 0x08);
To set DIO3 low: write(0x0920, read(0x0920) & ~0x08);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com