Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 75 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 75 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 71Page - Semtech Corporation LLCC68 Datasheet HTML 72Page - Semtech Corporation LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
75 of 111
Semtech
LLCC68
www.semtech.com
13.1.13 CalibrateImage
The function CalibrateImage(...) allows the user to calibrate the image rejection of the device for the device operating frequency
band.
For more details on the specific frequency bands, see Section 9.2.1 "Image Calibration for Specific Frequency Bands" on page 56 .
13.1.14 SetPaConfig
The SetPaConfig is controlled as mentioned below.
• paDutyCycle controls the duty cycle (conduction angle). The maximum output power, the power consumption, and the harmonics
drastically change with paDutyCycle. The values given across this datasheet are the recommended settings to achieve the best
efficiency of the PA, obtained on Semtech's reference design PCB. Changing the paDutyCycle affects the distribution of the power in
the harmonics and should be selected to work in conjunction with a given matching network.
• hpMax selects the size of the PA. The maximum output power can be reduced by reducing the value of hpMax. The valid range is
between 0x00 and 0x07 and 0x07 is the maximum supported value to achieve +22dBm output power. Increasing hpMax above 0x07
could cause early aging of the device could damage the device when used in extreme temperatures.
• deviceSel is reserved and has always the value 0x00.
• paLut is reserved and has always the value 0x01.
Table 13-19: CalibrateImage SPI Transaction
Byte
0
1
2
Data from host
Opcode = 0x98
freq1
freq2
Table 13-20: SetPaConfig SPI Transaction
Byte
0
1
2
3
4
Data from host
Opcode = 0x95
paDutyCycle
hpMax
deviceSel
reserved and always
0x00
paLut
reserved and always
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com