Electronic Components Datasheet Search
  English  ▼

X  

LLCC68 Datasheet(PDF) 77 Page - Semtech Corporation

Part # LLCC68
Description  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 Datasheet(HTML) 77 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 73Page - Semtech Corporation LLCC68 Datasheet HTML 74Page - Semtech Corporation LLCC68 Datasheet HTML 75Page - Semtech Corporation LLCC68 Datasheet HTML 76Page - Semtech Corporation LLCC68 Datasheet HTML 77Page - Semtech Corporation LLCC68 Datasheet HTML 78Page - Semtech Corporation LLCC68 Datasheet HTML 79Page - Semtech Corporation LLCC68 Datasheet HTML 80Page - Semtech Corporation LLCC68 Datasheet HTML 81Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
77 of 111
Semtech
LLCC68
www.semtech.com
13.2 Registers and Buffer Access
13.2.1 WriteRegister Function
The command WriteRegister(...) writes a block of bytes in a data memory space starting at a specific address. The address is auto
incremented after each data byte so that data is stored in contiguous memory locations. The SPI data transfer is described in the following
table.
13.2.2 ReadRegister Function
The command ReadRegister(...) reads a block of data starting at a given address. The address is auto-incremented after each byte.
The SPI data transfer is described in Table 13-25.
Note: The host must send an NOP after sending the 2 bytes of address to start receiving data bytes on the next NOP sent.
13.2.3 WriteBuffer Function
This function stores data payload to be transmitted. The address is auto-incremented; when it exceeds the value of 255 it is wrapped back
to 0 due to the circular nature of the data buffer. The address starts with an offset set as a parameter of the function. Table 13-26 describes
the SPI data transfer.
Table 13-24: WriteRegister SPI Transaction
Byte
0
1
2
3
4
...
n
Data from
host
Opcode =
0x0D
address[15:8]
address[7:0]
data@address
data@address+1
...
data@address+ (n-3)
Data to host
RFU
Status
Status
Status
Status
...
Status
Table 13-25: ReadRegister SPI Transaction
Byte
0
1
2
3
4
5
...
n
Data from
host
Opcode
= 0x1D
address[15:8]
address[7:0]
NOP
NOP
NOP
...
NOP
Data to host
RFU
Status
Status
Status
data@addres
s
data@address+1
...
data@address+(n-4)
Table 13-26: WriteBuffer SPI Transaction
Byte
0
1
2
3
...
n
Data from host
Opcode =
0x0E
offset
data@offset
data@offset+1
...
data@offset+(n-2)
Data to host
RFU
Status
Status
Status
...
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com