Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The PGA854 is a monolithic, high-voltage, high-bandwidth, precision programmable gain instrumentation
amplifier with fully differential outputs. The PGA854 combines a high-speed current-feedback input stage with
an internally matched gain resistor network, followed by a four-resistor, differential amplifier output stage. The
PGA854 is equipped with eight decade-gain settings, from 0.5V/V to 100V/V, using three digital gain-selection
pins: A0, A1, and A2.
The PGA854 is designed for applications such as factory automation and control, analog input modules, data
acquisition, test and measurement, and semiconductor test.
8.1.1 Linear Operating Input Range
The linear operating input voltage range of the PGA854 input circuitry extends within 3V (maximum) of either
power supply. This device maintains excellent common-mode rejection throughout this range at all temperatures.
The linear operating input common-mode range is a function of the input common-mode voltage, input
differential voltage, gain, and output common-mode voltage.
Figure 8-1 to Figure 8-4 show the valid common-mode range to enable valid output voltage at no load condition.
Output Differential Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-18
-15
-12
-9
-6
-3
0
3
6
9
12
VS = VSOUT = 15V
VS = 15V, VSOUT = 2.5V
VS = VSOUT = ±15V,
VS = ±15V, VSOUT = ±5V
VOCM = 0V
G = 0.5V/V
Figure 8-1. Input Common-Mode Voltage vs
Output Differential Voltage
Output Differential Voltage (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-18
-15
-12
-9
-6
-3
0
3
6
9
12
VS = VSOUT = 15V
VS = VSOUT = 5V
VS = VSOUT = ±15V,
VS = VSOUT = ±5V,
VOCM = 0V
G = 1V/V
Figure 8-2. Input Common-Mode Voltage vs
Output Differential Voltage
www.ti.com
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com