Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA849
Description  PGA854 Low-Noise, Wide-Bandwidth, Decade Gain, Precision Programmable Gain Instrumentation Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
8.2.1.1 Design Requirements
The design requirements for the application driving the ADS127Lx1 ADC are listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Differential-to-differential conversion
VIN to VOUT
Supply voltages
VS± = ±15V, VLVDD = 5V, VLVSS = GND, VREF = 4.096V
Full-scale range of ADC
FSR = ± 4.096V
Data rate of ADC
fDATA = 187.5kSPS
ADC filter configuration
(1) High-speed mode, Sinc4 filter, OSR = 64
(2) High-speed mode, Wideband filter, OSR = 64
Signal frequency
Tested at fIN = 1kHz
RC kickback filter(1)
RFIL = 47.4Ω, CDIFF = 470pF, CCM = 47pF
(1)
Consider a trade-off between THD, frequency response, and drift. The differential current drift
into the ADC can interact with the filter resistors and result in higher drift errors. However, lower
resistance degrades the phase margin of the PGA854. For low drift applications, keep RFIL < 50Ω.
8.2.1.2 Detailed Design Procedure
Table 8-2 and Table 8-3 show the typical signal-to-noise (SNR) and total harmonic distortion (THD) of the
PGA854 driving the ADS127Lx1 delta-sigma ADC using a sinc4 or wideband filter. A 1kHz differential signal
is applied to the input. The signal amplitude is adjusted to produce a PGA854 output at –0.2dBFS of the
ADC full-scale range. For a list of the equivalent input voltage amplitude signals for the different PGA854 gain
configurations, see Table 8-2 and Table 8-3. At gain = 1V/V, the design achieves –94dB THD and 80.2dB SNR
for Sinc4 filter.
Table 8-2. PGA854 and ADS127Lx1 FFT Data Summary, OSR = 64, Sinc4 Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.5
16.6
107.28
-110.4
17.24
1
8.28
106.42
-109.17
17.08
2
4.14
106.79
-109.93
17.16
5
1.66
103.48
-108.83
16.71
10
0.83
99.03
-108.35
16.08
20
0.41
92.75
-106.19
15.08
50
0.17
86.32
-101.12
14.02
100
0.08
80.21
-94.02
13
Table 8-3. PGA854 and ADS127Lx1 FFT Data Summary, OSR = 64, Wideband Filter
PGA GAIN (V/V)
INPUT AMPLITUDE (VPP)
SNR (dB)
THD (dB)
ENOB (Bits)
0.5
16.6
105.36
-110.12
17.00
1
8.28
105.22
-109.12
16.94
2
4.14
105.45
-109.96
17.01
5
1.66
102.83
-108.62
16.62
10
0.83
98.7
-108.64
16.03
20
0.41
93.15
-104.83
15.13
50
0.17
85.67
-99.43
13.91
100
0.08
79.8
-93.67
12.93
The R-C-R differential low-pass filter at the input of the instrumentation amplifier helps reduce EMI/RFI high-
frequency extrinsic noise. This filter is customizable per the bandwidth and application requirements. This
design example (see Figure 8-9) suggests a filter with the capacitor ratio of CIN_DIFF = 10 × CIN_CM. Using
PGA854
SBOSAN2A – AUGUST 2025 – REVISED DECEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: PGA854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com