Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 11Page - Monolithic Power Systems MP8007 Datasheet HTML 12Page - Monolithic Power Systems MP8007 Datasheet HTML 13Page - Monolithic Power Systems MP8007 Datasheet HTML 14Page - Monolithic Power Systems MP8007 Datasheet HTML 15Page - Monolithic Power Systems MP8007 Datasheet HTML 16Page - Monolithic Power Systems MP8007 Datasheet HTML 17Page - Monolithic Power Systems MP8007 Datasheet HTML 18Page - Monolithic Power Systems MP8007 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
15
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
20.5V.
MP8007
presents
a
current
in
classification mode as showing in Table 1.
Table 1– CLASS Resistor Selection
Class
Max. Input
Power to
PD (W)
Classification
Current (mA)
RCLASS
(Ω)
0
12.95
2
578
1
3.84
10.55
110
2
6.49
18.7
62
3
12.95
28.15
41.2
4
25.5
40.4
28.7
2-Event Classification
MP8007 can be used as a Type-1 PD as class
0–3 in Table 1, it also distinguishes class 4 with
2-event
classification.
Generally
it
is
recommended to set MP8007 in class 0-3
because the DCDC converter can only deal
with 13W power.
In 2-event classification, the Type-2 PSE reads
the power classification twice. Figure 2 presents
an example of a 2-event classification. The first
classification event occurs when the PSE
presents a voltage between 14.5V-to-20.5V to
MP8007 and the MP8007 presents a class 4
loads current. The PSE then drops the input
voltage into the mark voltage range of 6.9V to
10.1V, signaling the first mark event. MP8007
presents a load current between 0.5mA to 2mA
in the mark event voltage range
The PSE repeats this sequence, signaling the
second classification and second mark event.
The PSE then applies power to MP8007 and
MP8007 charges up the DCDC input capacitor
CBULK (C1 of schematic on page 1) with a
controlled inrush current. When CBULK is fully
charged, the T2P pin presents an active low
signal with respect to VSS after TDELAY. The T2P
output becomes inactive when the MP8007
input voltage VDD falls below UVLO as figure 3
work flow shows. With class 0-3 setting in
MP8007, 2-event classification and T2P can be
ignored.
PD Interface UVLO and Current Limit
When PD is powered by PSE and VDD is
higher than turn on threshold, the Hot-swap
switch will start pass a limited current IINRUSH to
charge the down stream DC-to-DC converter’s
input capacitor CBULK. The startup charging
current is around 120mA.
If RTN drops to lower than 1.2V, the hot-swap
current limit will change to 840mA. After the
TDELAY from UVLO starting, MP8007 will assert
PG signal and go from the startup mode to the
running mode if inrush period elapse, the PG
signal
can
enable
down-stream
DCDC
converter internally.
If VDD-VSS drops below falling UVLO, the Hot-
swap MOSFET and DCDC converter both are
disabled.
If output current overloads on the internal pass
MOSFET, current limit works and VRTN-VSS rises.
If VRTN rises above 10V for longer than 1ms, or
rises above 20V, the current limit reverts to the
inrush value, and PG is pulled down internally
to disable DCDC regulator at the same time.
Figure 3 shows the current limit, PG and T2P
work logic during startup from PSE power
supply.
Figure 3: Startup Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com