Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 14Page - Monolithic Power Systems MP8007 Datasheet HTML 15Page - Monolithic Power Systems MP8007 Datasheet HTML 16Page - Monolithic Power Systems MP8007 Datasheet HTML 17Page - Monolithic Power Systems MP8007 Datasheet HTML 18Page - Monolithic Power Systems MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems MP8007 Datasheet HTML 21Page - Monolithic Power Systems MP8007 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
18
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Voltage Control
In flyback application, the DCDC converter
detects the auxiliary winding voltage from FB1
during the secondary-side diode conduction
period.
Assume the secondary winding is the master,
and the auxiliary winding is the slave. When the
secondary-side
diode
conducts,
the
FB1
voltage is calculated with Equation (7):
A2
FB1
OUT
D1F
S1
2
NR
V(V
V )
NR
R

(7)
Where:
VD1F is the output diode forward-drop voltage.
VOUT is the output voltage.
NA and NS are the turns of the auxiliary winding
and the secondary-side winding, respectively.
R1 and R2 are the resistor dividers for sampling.
The output voltage differs from the secondary-
winding voltage due to the current-dependant
diode forward voltage drop. If the secondary-
winding voltage is always detected at a fixed
secondary current, the difference between the
output voltage and the secondary-winding
voltage is a fixed VD1F. DCDC converter starts
sampling the auxiliary-winding voltage after the
internal power MOSFET turns off for 0.7 μs and
finishes the sampling after the secondary-side
diode conducts for 3μs. This provides good
regulation when the load changes. However,
the secondary diode conducting period must be
longer than 3μs in each cycle, and the FB1
signal must be smooth in 0.7μs after the switch
turns off.
With a buck solution, there is one FB2 pin
referred to VDD. It can be used as the
reference voltage for the buck application. The
output voltage is referred to VDD and does not
have the same GND as the input power.
Programming the Switching Current Limit
The switching converter current limit is set by
an external resistor (R3 in schematic on page 1)
from ILIM to ground. The value of R3 can be
estimated with Equation (8):
L
LIM
V0.18
100
I
R3
L

(8)
Where ILIM is the current limit in A, VL is the
voltage applied on the inductor when the
MOSFET turns on, R3 is the setting resistor in
kΩ, and L is the inductor in μH.
The current limit cannot be programmed higher
than 3A.
If Input voltage is very low, the inductor current
may increase slowly, it will take a long time to
meet
the
setting
current
limit.
MP8007
integrates a ~7us max on time. After the max
on time, MOSFET will turn off, even the
inductor current doesn`t meet the setting
current limit.
Converter Leading-Edge Blanking
Transformer parasitic capacitance induces a
current spike on the switching power FET when
the power switch turns on. The DCDC converter
includes a 450 ns leading-edge blanking period
to avoid falsely terminating the switching pulse.
During this blanking period, the current sense
comparator is disabled, and the gate driver
cannot switch off.
DCDC Converter DCM Detection
The DCDC switching regulator operates in
discontinuous conduction mode in both flyback
and buck modes.
In flyback mode, the DCDC converter detects
the falling edge of the FB1 voltage in each cycle.
The second cycle switching will not start unless
the chip detects a 50 mV falling edge on FB1.
In buck mode, the DCDC converter detects the
falling edge of the SW voltage in each cycle.
The second cycle switching will not start unless
the chip detects 0.14 V falling edge between
VSW-VDD.
Over-Voltage & Open-Circuit Protection
In flyback mode, the DCDC converter includes
over-voltage protection (OVP) and open-circuit
protection. If the voltage at FB1 exceeds 125
percent of VREF1, or FB1’s -60 mV falling edge
cannot be detected because the feedback
resistor is removed, immediately the DCDC
converter shuts off the driving signal and enters
hiccup mode by re-charging the internal
capacitor. The DCDC converter resumes
normal operation when the fault is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com