Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 12Page - Monolithic Power Systems MP8007 Datasheet HTML 13Page - Monolithic Power Systems MP8007 Datasheet HTML 14Page - Monolithic Power Systems MP8007 Datasheet HTML 15Page - Monolithic Power Systems MP8007 Datasheet HTML 16Page - Monolithic Power Systems MP8007 Datasheet HTML 17Page - Monolithic Power Systems MP8007 Datasheet HTML 18Page - Monolithic Power Systems MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
16
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Wall
Power
Adaptor
Detection
and
Operation
For applications where an auxiliary power
source such as a wall adapter is used to power
the device, the MP8007 features wall power
adapter detection as showing in figure 4. Once
the input voltage (VDD - VSS) exceeds about
11.5V, the MP8007 enable wall adapter
detection. The wall power adapter detection
resistor divider is connected from VDD to
negative terminal of adaptor, and DADP3 is
added for more accurate hysteresis. There is a
-2.3V reference voltage from AUX to VDD for
adaptor detection. The adaptor is detected
when AUX voltage triggers:
ADPUP
DD
AUX
ADP
DADP3
ADPUP
ADPDOWN
R
VV
(V
V
)
2.3V
RR

(1)
Where, VADP is adaptor voltage, VDADP3 is the
zener voltage, RADPUP and RADPDOWN are the
AUX divider resistors from adaptor power.
If applied adapter voltage is much higher than
the design adapter voltage, VDD-VAUX voltage
will be high, if it is higher than 6.5V, the
MP8007 inner circuit will clamp the VDD-VAUX
voltage at 6.5V, then a current will flow out
through the AUX pin, the current should be
limited lower than 3mA by external resistor
(RADPUP/RADPDOWN or RT resistor from the resistor
divider to AUX PIN.)
To make MP8007 work stable with adaptor
power, one Schottky diode DAPD1 (D4 in
schematic on page 1) is required between
negative terminal of adaptor and VSS. DAPD2
(D5 in schematic on page 1) is used to block
reverse current between adaptor and PSE
power source. When a wall adapter is detected,
the internal MOSFET between RTN and VSS
turns off, classification current is disabled and
T2P becomes active. The PG signal is active
when adaptor power is detected, so that it can
enable the downstream DCDC converter even
input hot-swap MOSFET is disabled.
Figure 4: Adaptor Power Detection
Power Good Indicator (PG)
The PG signal is driven by internal current
source. After TDELAY from UVLO starting and
RTN drops to 1.2V, or a wall power adapter is
detected, the PG signal will be pulled high to
indicate power condition and enable the
downstream DCDC converter. Figure 3 shows
the PG logic when powering from PSE, PG will
be high if adaptor is detected.
DCDC Converter Startup and Power Supply
Once PD input overrides its UVLO, it will charge
DCDC converter’s input capacitor (between
VDD and RTN) with PD inrush current limit.
DCDC converter has an internal start-up circuit.
When voltage between VDD and GND is higher
than 4.3 V, the capacitor at VCC is charged
through the internal LDO. Normally VCC is
regulated at 5.4 V (if VDD is high enough). With
the exception of PD interface UVLO, the DCDC
converter has an additional VIN UVLO (11.6V)
and VCC UVLO (4.7V). When VDD-GND is
higher than the 11.6V UVLO, VCC is charged
higher than the 4.7V UVLO, and PG pin is
pulled high by PD interface, DCDC converter
starts switching.
VCC can be powered from the transformer
auxiliary winding to save IC power loss. Refer
to the “Vcc Power Supply Setting” section for
more details.
Flyback and Buck Mode Converter
The DCDC converter supports both flyback and
buck topology applications. Connect MODE to
GND to set the DCDC converter in flyback
mode, and float MODE to set the DCDC
converter in buck mode. MODE is pulled up
internally to VCC through a 1.5µA current source.
Do not connect MODE to VDD externally in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com