Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems MP8007 Datasheet HTML 21Page - Monolithic Power Systems MP8007 Datasheet HTML 22Page - Monolithic Power Systems MP8007 Datasheet HTML 23Page - Monolithic Power Systems MP8007 Datasheet HTML 24Page - Monolithic Power Systems MP8007 Datasheet HTML 25Page - Monolithic Power Systems MP8007 Datasheet HTML 26Page - Monolithic Power Systems MP8007 Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
25
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
5. Keep the feedback trace far away from
noise sources (such as SW). The trace
connecting FB1 should be short.
6. Use a single point connection between
power GND and signal GND. Vias around
GND
and
the
thermal
pad
are
recommended to lower the die temperature.
Refer to Figure 12 for flyback circuit layout,
which is referred to schematic
on page 1.
Figure 12: Recommended flyback layout
For buck circuit:
1. Keep the input loop as short as possible
between the input capacitor, rectifier diode,
SW, and GND plane for minimal noise and
ringing.
2. Keep the output loop between the rectifier
diode, the output capacitor, and the inductor
as short as possible.
3. Place the VCC capacitor close to VCC for
the best decoupling. The current setting
resistor R3 should be placed as close to
ILIM and AGND as possible.
4. Connect the output voltage sense and VDD
power supply from the output capacitor with
parallel traces. The feedback trace should
be far away from noise sources (such as
SW). The trace connected to FB2 should be
short. The trace for VDD power should be
wider.
5. Use a single point connection between
power GND and signal GND. Vias around
GND
and
the
thermal
pad
are
recommended to lower the die temperature
Refer to Figure 13 for buck circuit layout.
Via
Top Layer
Bottom Layer
R7
D3
R8
R5 R2 R1
C3
R6
D1
C2
L1
U1
R3
C5
C1
D5
D4
Figure 13: Recommended buck layout
Design Example
Below is a design example following the
application
guidelines
for
the
following
specifications:
Table 2 – Flyback Design Example
VDD-VSS
37V–57V (PoE Supply)
RDET
24.9kΩ
RCLASS
41.2Ω
VADAPTER
48V
VOUT
12V
IOUT
1A
The typical application circuit in Figure 14
shows the detailed application schematic, and
is the basis for the typical performance
waveforms. Typically, the device is powered by
PSE (VDD-VSS=48V). When an adapter voltage
above than 38.5V presents, the internal
MOSFET between RTN and VSS turns off,
instead the device is powered by the adapter
whatever the PSE voltage is. For more detailed
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com