Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP8007
Description  Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP8007 Datasheet HTML 19Page - Monolithic Power Systems MP8007 Datasheet HTML 20Page - Monolithic Power Systems MP8007 Datasheet HTML 21Page - Monolithic Power Systems MP8007 Datasheet HTML 22Page - Monolithic Power Systems MP8007 Datasheet HTML 23Page - Monolithic Power Systems MP8007 Datasheet HTML 24Page - Monolithic Power Systems MP8007 Datasheet HTML 25Page - Monolithic Power Systems MP8007 Datasheet HTML 26Page - Monolithic Power Systems MP8007 Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MP8007 ― IEEE 802.3AF PD WITH 13W FLYBACK / BUCK CONVERTER
MP8007 Rev.1.0
www.MonolithicPower.com
24
6/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Generally, a 15 percent ripple is acceptable.
Buck Inductor Selection
The inductor is required to transfer the energy
between the input source and the output
capacitors. Unlike normal application where
inductors determine the inductor ripple, the
DCDC converter always works in DCM while
VIN, VOUT, and ILIM are constant. The inductor
only determines the speed of the current rising
and falling, which determines the switching
period. The expected maximum frequency can
determine the inductor value using Equation
(26):
IN
OUT
OUT
D1F
IN
D1F
PEAK
SW
(V
V
) (V
V )
1
L
(V
V ) I
F



(26)
FSW is the expected maximum switching
frequency, which should be lower than 200kHz
in general setting.
Converter Output Diode Selection
The output rectifier diode supplies current to the
output capacitor when the internal MOSFET is
off. Use a Schottky diode to reduce loss due to
the diode forward voltage and recovery time.
In isolation application, the diode should be
rated for a reverse voltage greater than
Equation (27):
IN
S
D1
OUT
PD1
P
VN
VV
V
N

(27)
VPD1 can be selected at 40 percent to 100
percent of VOUT + VIN x NS/NP. An RC or RCD
snubber circuit for the output diode D1 is
recommended.
In buck mode, the diode reverse voltage
equates to the input voltage. A 20 percent ~ 40
percent margin is recommended.
In both applications, the current rating should
be higher than the maximum output current.
Converter Dummy Load
When the system operates without a load in
flyback mode, the output voltage rises above
the normal operation voltage because of the
minimum switching frequency limitation. Use a
dummy load for good load regulation. A large
dummy load decreases efficiency, so the
dummy load is a tradeoff between efficiency
and load regulation. For applications using
Figure 14, a minimum load of around 10mA is
recommended.
PCB Layout Guide
A good layout of the PoE front-end and high-
frequency switching power supply is critical.
Poor layout may result in reduced performance,
excessive EMI, resistive loss, and system
instability. For best results, refer to Figure 12
and Figure 13 and follow the guidelines in
below:
For PD interface circuit:
1. All components place must follow power
flow, from RJ-45, Ethernet transformer,
diode bridges, TVS, to 0.1-μF capacitor and
DCDC converter input bulk capacitor.
2. Make all leads as short as possible with
wide power traces.
3. The spacing between VDD (48V) and VSS
must comply with safety standards like
IEC60950.
4. Place the PD interface circuit ground planes
referenced
to
VSS,
while
place
the
switching
converter
ground
planes
referenced to RTN/GND.
5. The exposed PAD must be connected to
GND, it can not be connected to VSS.
6. If adaptor power detection is enabled, the
AUX divider resistor should be close to AUX
pin. And diode D5 (between VSS and RTN)
should be placed close to VSS and RTN.
For flyback circuit:
1. Keep the input loop as short as possible
between the input capacitor, transformer,
SW, and GND plane for minimal noise and
ringing.
2. Keep the output loop between the rectifier
diode, the output capacitor, and the
transformer as short as possible.
3. Keep the clamp loop circuit between D2, C4,
and the transformer as small as possible.
4. Place the VCC capacitor close to VCC for
the best decoupling. The current setting
resistor R3 should be placed as close to
ILIM
and
AGND
as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com