Electronic Components Datasheet Search
  English  ▼

X  

XM33C321ASPZR Datasheet(PDF) 29 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 29 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
Table 6-8. Digital Audio Interface (I2S) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
I2S1_WCLK
IO
Digital audio interface (I2S1)
word clock signal
42, 84
42, 84
32, 69
21, 60
22
F9, H1
I2S0_AD0
IO
Digital audio interface (I2S0)
audio data 0 signal
46, 52, 76,
94
46, 52, 76,
94
36, 42, 61,
74
17, 26, 6,
64
28, 39, 45
D1, G10,
J2, K10
I2S0_AD1
IO
Digital audio interface (I2S0)
audio data 0 signal
47, 53, 93
47, 53, 93
37, 43, 73
1, 25, 7
29, 44
E2, H10,
K8
I2S1_AD0
IO
Digital audio interface (I2S1)
audio data 0 signal
40, 82
40, 82
30, 67
19, 58
20, 41
E10, F3
I2S1_AD1
IO
Digital audio interface (I2S1)
audio data 0 signal
41, 83
41, 83
31, 68
20, 59
21
F8, G2
Table 6-9. General Purpose Input Output Module Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
PA0
IO
GPIO port A input/output 0
1
1
1
33
1
D3
PA1
IO
GPIO port A input/output 1
2
2
2
34
2
C4
PA2
IO
GPIO port A input/output 2
15
15
10
42
8
A5
PA3
IO
GPIO port A input/output 3
16
16
11
43
9
A6
PA4
IO
GPIO port A input/output 4
17
17
12
44
10
A7
PA5
IO
GPIO port A input/output 5
18
18
13
45
11
A8
PA6
IO
GPIO port A input/output 6
19
19
14
46
12
A9
PA7
IO
GPIO port A input/output 7
22
22
17
49
13
B7
PA8
IO
GPIO port A input/output 8
27
27
22
54
16
D10
PA9
IO
GPIO port A input/output 9
28
28
23
55
17
C9
PA10
IO
GPIO port A input/output 10
33
33
28
56
18
E7
PA11
IO
GPIO port A input/output 11
34
34
29
57
19
E9
PA12
IO
GPIO port A input/output 12
51
51
41
5
27
J10
PA13
IO
GPIO port A input/output 13
52
52
42
6
28
K10
PA14
IO
GPIO port A input/output 14
53
53
43
7
29
K8
PA15
IO
GPIO port A input/output 15
54
54
44
30
K7
PA16
IO
GPIO port A input/output 16
55
55
45
H7
PA17
IO
GPIO port A input/output 17
69
69
54
10
32
K4
PA18
IO
GPIO port A input/output 18
70
70
55
11
33
K3
PA19
IO
GPIO port A input/output 19
71
71
56
12
34
J4
PA20
IO
GPIO port A input/output 20
72
72
57
13
35
J3
PA21
IO
GPIO port A input/output 21
76
76
61
17
39
J2
PA22
IO
GPIO port A input/output 22
77
77
62
18
40
H2
PA23
IO
GPIO port A input/output 23
92
92
72
24
43
E1
PA24
IO
GPIO port A input/output 24
93
93
73
25
44
E2
PA25
IO
GPIO port A input/output 25
94
94
74
26
45
D1
PA26
IO
GPIO port A input/output 26
98
98
78
30
46
C2
PA27
IO
GPIO port A input/output 27
99
99
79
31
47
B2
PA28
IO
GPIO port A input/output 28
3
3
3
35
3
C3
PA29
IO
GPIO port A input/output 29
4
4
4
36
B3
PA30
IO
GPIO port A input/output 30
5
5
5
37
D4
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com