Electronic Components Datasheet Search
  English  ▼

X  

XM33C321ASPZR Datasheet(PDF) 43 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 43 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
7.7.3 VBat Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
Power supply range
1.62
3.6
V
dVBAT/dt VBAT (supply voltage) slew rate
Rising
0.1
V/us
dVBAT/dt VBAT (supply voltage) slew rate
Falling,standby (2)
0.1
V/ms
VPOR+
(VBAT)
Power-on reset voltage level
Rising (1)
0.95
1.3
1.59
V
VPOR-
(VBAT)
Power-on reset voltage level
Falling (1)
0.9
1.25
1.54
V
VHYS,
POR(VBAT)
POR hysteresis
45
mV
VBOR0+,
COLD(VBAT
)
Brown-out reset voltage level
Cold start, rising (1)
1.4
1.48
1.59
V
VBOR0+
(VBAT)
Brown-out reset voltage level
Rising (1) (2)
1.56
1.58
1.62
V
VBOR0-
(VBAT)
Brown-out reset voltage level
Falling (1) (2)
1.51
1.56
1.61
V
VHYS,
BOR(VBAT)
BOR hysteresis
15
21
mV
tPU(VBAT) Cold power up time
1.2
ms
ICHARGE
Charging peak current
VDD=3.3, VBAT=0V
1.7
mA
RSWITCH
Internal switch resistance between VBAT
and VDD
0.9
1.4
2.7
kΩ
ITRIP
Min current for internal comparator to
detect reverse current from VBAT to VDD
VDD sinking , 1.6<VBAT<3.3
100
µA
(1)
|dVDD/dt| ≤ 3V/s
(2)
Device operating in Standby Mode
7.7.4 Timing Characteristics
VDD=3.3V, Ta=25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wakeup Timing
tWAKE:SL
EEP
Wakeup time from SLEEP to RUN (1)
1.6
µs
tWAKE:ST
OP
Wakeup time from STOP to RUN
(SYSOSC enabled) (1)
25.3
µs
tWAKE:ST
BY
Wakeup time from STANDBY0 to RUN
(1)
26.6
µs
Wakeup time from STANDBY1 to RUN
(1)
26.8
µs
tWAKEUP:
SHDN
Wakeup time from SHUTDOWN to
RUN (2)
Fast boot enabled
TBD
µs
Fast boot disabled
702
Asynchronous Fast Clock Request Timing
tDELAY
Delay time from edge of asynchronous
request to first 32MHz MCLK edge
Mode is STOP
6.3
µs
Delay time from edge of asynchronous
request to first 32MHz MCLK edge
Mode is STANDBY0
7.6
Delay time from edge of asynchronous
request to first 32MHz MCLK edge
Mode is STANDBY1
7.9
Startup Timing
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com