| Electronic Components Datasheet Search |
|
XM33C321ASPZR Datasheet(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR Datasheet(HTML) 86 Page - Texas Instruments |
|
86 / 113 page ![]() Table 8-24. DEVICEID DEVICEID address is 0x8011.1004, PARTNUM is bit 12 to 27, MANUFACTURER is bit 1 to 11. Device PARTNUM MANUFACTURER MSPM33C321A, MSPM33C3219, MSPM33C322A, MSPM33C3229 0xBBBC 0x17 Table 8-25. USERID USERID address is 0x8011.1008, PART is bit 0 to 15, VARIANT is bit 16 to 23 Device PART VARIANT MSPM33C321ASPZR 0x43B6 0x10 MSPM33C321ASPFAR 0x43B6 0x11 MSPM33C321ASPNR 0x43B6 0x12 MSPM33C321ASPMR 0x43B6 0x13 MSPM33C321ASRGZR 0x43B6 0x14 MSPM33C322ASPZR 0x3869 0x15 MSPM33C322ASPFAR 0x3869 0x16 MSPM33C322ASPNR 0x3869 0x17 MSPM33C322ASPMR 0x3869 0x18 MSPM33C322ASRGZR 0x3869 0x19 MSPM33C322ASZAW 0x3869 0x20 MSPM33C3219SPZR 0xC637 0x27 MSPM33C3219SPFAR 0xC637 0x28 MSPM33C3219SPNR 0xC637 0x29 MSPM33C3219SPMR 0xC637 0x30 MSPM33C3219SRGZR 0xC637 0x31 MSPM33C3229SPZR 0xEF32 0x32 MSPM33C3229SPFAR 0xEF32 0x33 MSPM33C3229SPNR 0xEF32 0x34 MSPM33C3229SPMR 0xEF32 0x35 MSPM33C3229SRGZR 0xEF32 0x36 MSPM33C3229SZAW 0xEF32 0x37 8.20 Identification Revision and Device Identification The hardware revision and device identification values are stored in the memory-mapped FACTORY region, refer to Device Factory Constants section, which provides read-only data describing the capabilities of a device as well as any factory-provided trim information for use by application software. Refer to Factory Constants chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual for more information. The device revision and identification information are also included as part of the top-side marking on the device package. The device-specific errata sheet describes these markings (see Section 10.4) MSPM33C321A, MSPM33C3219 SLASFB6 – DECEMBER 2025 www.ti.com 86 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: MSPM33C321A MSPM33C3219 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |