| Electronic Components Datasheet Search |
|
XM33C321ASPZR Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 113 page ![]() 8.11 IOMUX The IOMUX peripheral enables IO pad configuration and controls digital data flow to and from the device pins. The key features of the IOMUX include: • IO Pad configuration registers allow for programmable drive strength, speed, pullup-down, and more • Digital pin muxing allows for multiple peripheral signals to be routed to the same IO pad • Pin functions and capabilities are user-configured using the PINCM register For more details, see the IOMUX chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual. 8.11.1 Input/Output Diagrams The IOMUX manages the selection of which peripheral function is to be used on a digital IO. It also provides the controls for the output driver, input path, and the wake-up logic for wakeup from SHUTDOWN mode. For more information, refer to the IOMUX section of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual. The mixed-signal IO pin slice diagram for a full featured IO pin is shown in Figure 8-1. Not all pins will have analog functions, wake-up logic, drive strength control, and pullup or pulldown resistors available. See the device-specific data sheet for detailed information on what features are supported for a specific pin. MSPM33C321A, MSPM33C3219 SLASFB6 – DECEMBER 2025 www.ti.com 70 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: MSPM33C321A MSPM33C3219 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |