Electronic Components Datasheet Search
  English  ▼

X  

XM33C321ASPZR Datasheet(PDF) 40 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 40 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
7.5.1 RUN/SLEEP Modes
VDD=3.3V. All inputs tied to 0V or VDD. Outputs do not source or sink any current. All peripherals are disabled.
PARAMETER
VDD
MCLK
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX TYP MAX TYP MAX TYP MAX TYP MAX
RUN Mode
IDD (Run)
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
CoreMark, execute from flash
3.3V 160MHz
33.6
33.7
34.8
35.8
37.9
mA
3.3V 80MHz
17.8
17.9
18.9
19.8
21.8
MCLK=SYSOSC, CoreMark,
execute from flash
3.3V 32MHz
12.6
12.8
14.1
15.4
18.3
IDD
(Run) per
MHz
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
CoreMark, execute from flash
3.3V 160MHz
210
211
217
224
237
µA/Mhz
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
While(1), execute from flash
3.3V 160MHz
206
207
213
220
232
SLEEP Mode
IDD
(Sleep)
MCLK=SYSPLL,
SYSPLLREF=SYSOSC CPU is
halted
160MHz
9.5
9.7
10.7
11.6
13.6
mA
MCLK=SYSOSC, CPU is halted
32MHz
3.2
3.3
4.2
5.2
7.2
7.5.2 STOP/STANDBY Modes
VDD=3.3V, VBAT=3.3V. All inputs in VDD domain tied to 0V or VDD, All inputs in VBAT Island tied to 0V or VBAT. Outputs do
not source or sink any current. All peripherals not noted are disabled.
PARAMETER
ULPCLK
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX
TYP MAX
TYP MAX
TYP MAX
TYP MAX
STOP Mode
IDD (Stop)
SYSOSC=32MHz,
USE4MHZSTOP=1,
DISABLESTOP=0
4MHz
129
143
257
380
609
uA
STANDBY Mode
IDD
(Standby)
TIMG4_0 enabled
32kHz
3.8
16
128
251
482
uA
GPIOA enabled
3.8
16
128
251
486
7.5.3 SHUTDOWN Mode
All inputs in VDD domain tied to 0V or VDD. Core regulator is powered down.
PARAMETER
VDD
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX TYP MAX TYP MAX TYP MAX TYP MAX
IDD
(Shutdown)
Supply current in SHUTDOWN mode 3.3V
46
72
452
1065
2932
nA
7.5.4 VBAT current consumption
VBAT=3.3V. All inputs in VBAT Island tied to 0V or VBAT. Outputs do not source or sink any current.
PARAMETER
ULPCLK
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX
TYP MAX
TYP MAX
TYP MAX
TYP MAX
IDD (VBAT)
LF-XT and RTC is running
32kHz
2.1
2.2
2.8
3.6
5.1
uA
LFOSC and IWDG is running
32kHz
2.5
2.5
3.2
3.9
5.5
uA
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com