Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 6 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP77 Datasheet HTML 2Page - Analog Devices OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
–6–
OP77–SPECIFICATIONS
OP77N
Parameter
Symbol
Conditions
Limit
Unit
INPUT OFFSET VOLTAGE
VOS
40
mV Max
INPUT OFFSET CURRENT
IOS
2.0
nA Max
INPUT BIAS CURRENT
IB
±2
nA Max
INPUT RESISTANCE
Differential Mode
RIN
26
M
W Min
INPUT VOLTAGE RANGE
IVR
±13
V Min
COMMON-MODE REJECTION RATIO
CMRR
VCM =
±13 V
1
mV/V Max
POWER SUPPLY REJECTION RATIO
PSRR
VS =
±3 V to ±18 V
3
mV/VMax
OUTPUT VOLTAGE SWING
VO
RL = 10 k
W±13.5
V Min
RL = 2 k
W±12.5
RL = 1 k
W±12.0
LARGE-SIGNAL VOLTAGE GAIN
AVO
RL = 2 k
W
2000
V/mV Min
VO =
±10 V
DIFFERENTIAL INPUT VOLTAGE
±30
V Max
POWER CONSUMPTION
Pd
VOUT = 0 V
60
mW Max
NOTES
1Guaranteed by design.
2Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
WAFER TEST LIMITS (@ V
s =
15 V, TA = 25 C, for OP77N devices, unless otherwise noted.)
TYPICAL ELECTRICAL CHARACTERISTICS (@ V
s =
15 V, TA = 25 C, unless otherwise noted.)
OP77N
Parameter
Symbol
Conditions
Limit
Unit
AVERAGE INPUT OFFSET VOLTAGE DRIFT
TCVOS
RS = 50
W
0.1
mV/OC
NULLED INPUT OFFSET VOLTAGE DRIFT
TCVOSn
RS = 50
W, RP = 20 kW
0.1
mV/∞C
AVERAGE INPUT OFFSET CURRENT DRIFT
TCIOS
0.5
pA/
∞C
SLEW RATE
SR
RL
≥ 2 kW
0.3
V/
ms
BANDWIDTH
BW
AVCL + 1
0.6
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com