Electronic Components Datasheet Search
  English  ▼

X  

OP77 Datasheet(PDF) 7 Page - Analog Devices

Part # OP77
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP77 Datasheet HTML 3Page - Analog Devices OP77 Datasheet HTML 4Page - Analog Devices OP77 Datasheet HTML 5Page - Analog Devices OP77 Datasheet HTML 6Page - Analog Devices OP77 Datasheet HTML 7Page - Analog Devices OP77 Datasheet HTML 8Page - Analog Devices OP77 Datasheet HTML 9Page - Analog Devices OP77 Datasheet HTML 10Page - Analog Devices OP77 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
OP77
–7–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
J and Z Packages . . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP77A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP77E, OPP77F (J, Z) . . . . . . . . . . . . . . . . –25
∞C to +85∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec.) . . . . . . . . . . . . . 300
∞C
NOTES
1Absolute Maximum Ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±22 V, the absolute maximum input voltage is
equal to the supply voltage.
Package Type
jA
jC
Unit
TO-99 (J)
150
18
∞C/W
8-Lead Hermetic DIP (Z)
148
16
∞C/W
NOTE
jA is specified for worst-case mounting conditions, i.e.,
jA is specified for
device in socket for TO, CERDIP, P-DIP, and PLCC packages; jA is specified
for device soldered to printed circuit board for SO package.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP77 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
BONDING DIAGRAM
DIE SIZE 0.093
0.057 inch, 5301 sq. mm
(2.36
1.45 mm, 3.42 sq. mm)
1. BALANCE
2. INVERTING INPUT
3. NONINVERTING INPUT
4. V-
6. OUTPUT
7. V+
8. BALANCE
ORDERING GUIDE
Package Options
Operating
CERDIP
*
Temperature
TO-99
8-Lead
Range
OP77AZ
MIL
OP77EJ
OP77EZ
IND
OP77FJ
OP77FZ
IND
Not for new designs; obsolete April 2002.
For Military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-87738012A
OP77BRCMDA
5962-8773802GA
OP77AJMDA
5962-8773802PA
OP77AZMDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com